Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88347L Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB88347L
Description  D/A Converter for Digital Tuning (8-channel, 8-bit, on-chip OP amp, low-voltage)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88347L Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB88347L Datasheet HTML 2Page - Fujitsu Component Limited. MB88347L Datasheet HTML 3Page - Fujitsu Component Limited. MB88347L Datasheet HTML 4Page - Fujitsu Component Limited. MB88347L Datasheet HTML 5Page - Fujitsu Component Limited. MB88347L Datasheet HTML 6Page - Fujitsu Component Limited. MB88347L Datasheet HTML 7Page - Fujitsu Component Limited. MB88347L Datasheet HTML 8Page - Fujitsu Component Limited. MB88347L Datasheet HTML 9Page - Fujitsu Component Limited. MB88347L Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MB88347L
s ABSOLUTE MAXIMUM RATINGS
* : VCC
≥ VDD
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Conditions
Rating
Unit
Min.
Max.
Supply voltage
VCC
Based on GND
Ta = +25
°C
–0.3
5.0
V
VDD
–0.3*
5.0*
V
Input voltage
VIN
–0.3
VCC + 0.3
V
Output voltage
VOUT
–0.3
VCC + 0.3
V
Power consumption
PD
——
250
mW
Operating temperature
Ta
–20
+85
°C
Storage temperature
Tstg
–55
+150
°C
Parameter
Symbol
Conditions
Rating
Unit
Min.
Max.
Power supply voltage 1
VCC
—2.7
3.6
V
GND
Typical: 0
V
Power supply voltage 2
VDD
VDD – VSS
≥ 2.0 V
2.0
VCC
V
VSS
GND
VCC –2.0
V
Analog output source current
IAL
VCC = 3.0 V
1.0
mA
Analog output sink current
IAH
VCC = 3.0 V
1.0
mA
Oscillation limit output capacity
COL
——
1.0
µF
Digital data value range
#00
#FF
Operating temperature
Ta
–20
+85
°C


Similar Part No. - MB88347L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88347 FUJITSU-MB88347 Datasheet
190Kb / 20P
   R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88347P FUJITSU-MB88347P Datasheet
190Kb / 20P
   R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88347PF FUJITSU-MB88347PF Datasheet
190Kb / 20P
   R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88347PFV FUJITSU-MB88347PFV Datasheet
190Kb / 20P
   R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
More results

Similar Description - MB88347L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88346L FUJITSU-MB88346L Datasheet
207Kb / 17P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
   D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11_03 Datasheet
3Mb / 268P
   8-channel, 8-bit analog-to-digital (A/D) converter
logo
Fujitsu Component Limit...
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
   D/A Converter for Digital Tuning
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
   D/A Converter for Digital Tuning
logo
Fujitsu Component Limit...
MB88141 FUJITSU-MB88141 Datasheet
250Kb / 20P
   D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB40C218 FUJITSU-MB40C218 Datasheet
123Kb / 11P
   30MHz 8-bit A/D Converter (With AMP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com