Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88346LPFV Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB88346LPFV
Description  D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88346LPFV Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB88346LPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB88346LPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB88346LPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB88346LPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB88346LPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB88346LPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB88346LPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB88346LPFV Datasheet HTML 12Page - Fujitsu Component Limited. MB88346LPFV Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MB88346L
9
■ ELECTRICAL CHARACTERISTICS
1.
DC Characteristics
(1) Digital Block
(VDD, VCC
= 2.7 V to 3.6 V (VCC ≥ VDD) , GND = VSS = 0 V, Ta = −20 °C to +85 °C)
(2) Analog Block 1
(VDD, VCC
= 2.7 V to 3.6 V (VCC ≥ VDD) , GND = VS = 0 V, Ta = –20 °C to +85 °C)
Nonlinearity error : Deviation (error) in input/output curves with respect to an ideal straight line connecting
output voltage at “00” and output voltage at “FF.”
Differential linearity error : Deviation (error) in amplification with respect to theoretical increase in amplification
per 1-bit increase in digital value.
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
VCC
2.7
3.0
3.6
V
Power supply current 1
ICC
Stationary (CLK signal
stopped) , no load
1.2
3.0
mA
Input leak current
IILK
CLK, DI,
LD
VIN
= 0 to VCC
− 10
+ 10
µA
L level input voltage
VIL
⎯⎯
0.2 VCC
V
H level input voltage
VIH
0.8 VCC
⎯⎯
V
L level output voltage
VOL
DO
IOL
= 2.5 mA
⎯⎯
0.4
V
H level output voltage
VOH
IOH
= − 400 µAVCC − 0.4
⎯⎯
V
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Typ
Max
Power consumption
IDD
VDD
Maximum setting value
from #00 to #FF
0.6
1.5
mA
Analog voltage
VDD
VDD
VDD – VSS
≥ 2.0
2.0
VCC
V
VSS
VSS
GND
VCC
− 2.0
V
Resolution
Res
AO1 to AO12
⎯⎯
8
bit
Monotonic increase
Rem
VDD
≤ VCC − 0.1 V,
VSS
≥ 0.1 V, no load
8
bit
Nonlinearity error
LE
− 1.5
+ 1.5
LSB
Differential linearity error
DLE
− 1.0
+ 1.0
LSB
VAOH
VAOL
#00
#FF
Ideal straight line
Non linearity error
Digital setting
Note : The value of VAOH and VDD, and
the value of VAOL and VSS are not
necessarily equivalent.


Similar Part No. - MB88346LPFV

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB88346L FUJI-MB88346L Datasheet
178Kb / 18P
   D/A Converter for Digital Tuning
logo
Fujitsu Component Limit...
MB88346L FUJITSU-MB88346L Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
More results

Similar Description - MB88346LPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88347L FUJITSU-MB88347L Datasheet
169Kb / 16P
   D/A Converter for Digital Tuning (8-channel, 8-bit, on-chip OP amp, low-voltage)
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
   D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
   D/A Converter for Digital Tuning
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
   D/A Converter for Digital Tuning
logo
Fujitsu Component Limit...
MB88141 FUJITSU-MB88141 Datasheet
250Kb / 20P
   D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
logo
ams AG
AS1534 AMSCO-AS1534 Datasheet
351Kb / 2P
   12-bit, 8-Channel, Low-Power, 200ksps A/D Converter
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11_03 Datasheet
3Mb / 268P
   8-channel, 8-bit analog-to-digital (A/D) converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com