Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGEA-BFCAM-B-0500J Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # KGEA-BFCAM-B-0500J
Description  Keyless Go Emitter Antenna Low Prole Potted Unsealed & Sealed Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

KGEA-BFCAM-B-0500J Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  KGEA-BFCAM-B-0500J Datasheet HTML 1Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
58
KGEA-BFCAM
Keyless Go Emitter Antenna Low Prole Potted Unsealed &
Sealed Connector
85x16.8x7 mm ( 33 µH – 500 µH)
Characteristics
This is a new low prole antenna specially designed to assembly in the aftermarket
operation.
Antenna concept is similar to those KGEA-BFC series, but smaller in size (ferrite + capacitor
in a box potted) and easy to joint to anywhere by a simple adhesive tape.
These kind of antennas provide a cable with a customized length without connector in its
standard version (connector can be assembly under demand).
Several combinations of inductance and capacitor values are offered as standard versions.
Any other combination can be provided, together with the possibility of fully customized
design, depending mainly of capacitor size available.
Ideally used access and start Hand Free subsystem for Passive Entry keyless Go System
Requirements for automotive application.
- Low prole size.
- Low tolerances in the resonance frequency LC
- High stability in temperature (-40ºC up to +85ºC).
- Transmitting low frequency LF (20kHz, 125kHz and 134kHz).
- Long reading distances and average current 2-4App.
- Custom LCR value under demand.
L: Ferrite core coil inductance
R: Copper resistance and connection
C: Tunning internal capacitor NPO
Z: External impedance
Electrical specications
P/N
L (mH)
Cres
(nF)
Q
SRF
(MHz)
Freq.
(kHz)
KGEA-BFCAM-B-0345J
0.345
4.7
>115
>3
125@
KGEA-BFCAM-B-0500J
0.500
3.34.7
>115
>3
125@
KGEA-BFCAM-C-0207J
0.207
6.8
>100
>3
134,2@
KGEA-BFCAM-C-0426J
0.426
3.3
>100
>3
134,2@
The speci cation chart is a reference guide for
the most common required values at working
frequencies of 125 kHz, 20 kHz and 134.2 kHz.
Any other inductance value at LF or tighter tole-
rances can be provided. Please contact our sales
department for any inquiry.
Mechanical dimensions
L> 20mm
tolerance ± 0.5mm
10< L ≤ 20mm
tolerance ± 0.2mm
L ≤ 10mm
tolerance ± 0.1mm
Nomenclature description
Schematic Diagram


Similar Part No. - KGEA-BFCAM-B-0500J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
KGEA-BFCAM-B-0500J PREMO-KGEA-BFCAM-B-0500J Datasheet
285Kb / 3P
   Emitter Antenna Low Profile 85x13x7mm Housing plastic base-potted and outside connector unsealed & sealed
More results

Similar Description - KGEA-BFCAM-B-0500J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
KGEA-DH PREMO-KGEA-DH Datasheet
253Kb / 2P
   Keyless go Emitter Antenna
KGEA-BA PREMO-KGEA-BA Datasheet
278Kb / 2P
   Keyless go emitter bumper antenna
KGEA-SMD PREMO-KGEA-SMD_14 Datasheet
79Kb / 1P
   Keyless go emitter antenna smd
KGEA-SMD PREMO-KGEA-SMD Datasheet
256Kb / 2P
   Keyless go emitter antenna smd
KGEA-IA PREMO-KGEA-IA Datasheet
302Kb / 2P
   Keyless go emitter interior antenna
KGEA-TH PREMO-KGEA-TH_14 Datasheet
92Kb / 1P
   Keyless go emitter antenna through-hole versi처n
KGEA-WT PREMO-KGEA-WT_14 Datasheet
54Kb / 1P
   Keyless go emitter antenna winding heat shrink tube
KGEA-WT PREMO-KGEA-WT Datasheet
278Kb / 2P
   Keyless go emitter antenna winding heat shrink tube
KGEA-BFCWX PREMO-KGEA-BFCWX_14 Datasheet
72Kb / 1P
   Emitter Antenna housing plastic base-potted and outside connector unsealed & sealed.
KGEA-BFCWX PREMO-KGEA-BFCWX Datasheet
240Kb / 3P
   Emitter Antenna 103x20x9mm Housing plastic base-potted and outside connector unsealed&sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com