Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHPT-001 Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # GHPT-001
Description  Power Planar Transformer for HV Systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

GHPT-001 Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  GHPT-001 Datasheet HTML 1Page - PREMO CORPORATION S.L GHPT-001 Datasheet HTML 2Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
184
GHPT SERIES
Power Planar Transformer for HV Systems
Features
- High Power & Low pro le transformers
- Easy-assembly system for cold plates
- Power rating up to 16kW
- Frequency range : 70-120kHz
- H class component for operation up to 180°C
- Vacuum potted solution for high isolation
- Solution with heatsink available
- Threaded output terminals
- UL94V-0 material
- RoHS compliant
Electrical specications
Application
- Industrial high power SMPS
- Rapid Chargers for EV
Part
Number
Input
Voltage
Vdc (V)
Output
Voltage
(V)
Output
Current
(A)
Power
(W)
Frequency
(kHz)
Duty
cycle
Topology
(*)
Inductance
(mH)
Leakage
Inductance
(µH)
Turns
Ratio
(Pri:Sec)
Max
Total
losses
(W)
GHPT-001 360-440
34
200
6.8
100
0.47
ZVS
Full Bridge
0.8
1
8:2
18
GHPT-002 800-900
520
23
12
120
0.42
ZVS
Full Bridge
0.6
1
15:10
22
GHPT-003 230-340
500
32
16
70
0.4
Full Bridge
0.4
1
4:11
35
(*) ZVS Full Bridge topology with 4-diodes recti cation
Notes
(1) All test data are referenced to 25°C ambient temperature
(2) Continuous operating temperature range must be within -40°C/+125°C (ambient + self heating) under worst case conditions;
exposure to 180°C peak is allowed. Thermal index H for all raw materials used
(3) Performances are subjected to change according to cooling capability of the cold plate where the component is xed. It is
suggested to test the component at system level to verify its temperature rise after 30 minutes in the end application.
(4) Inductance values are measured at 10kHz/1V
(5) Hi-pot test between winding and between primary winding to core is above 5kV/50Hz/2sec


Similar Part No. - GHPT-001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP12003R3S IRF-GHP12003R3S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005D IRF-GHP12005D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12006S IRF-GHP12006S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12012D IRF-GHP12012D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHPT-001

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
HPTR PREMO-HPTR Datasheet
69Kb / 2P
   Low Size Planar Transformer for HV Systems
HPT-001 PREMO-HPT-001_14 Datasheet
121Kb / 1P
   High power planar transformers for HV systems
HPT-001 PREMO-HPT-001 Datasheet
122Kb / 1P
   High power planar transformers for HV systems
HPC-001 PREMO-HPC-001 Datasheet
106Kb / 1P
   High power planar chokes for HV applications
HPC PREMO-HPC_14 Datasheet
81Kb / 2P
   High Power Planar Chokes for HV Applications
logo
Wurth Elektronik GmbH &...
74942302 WURTH-74942302 Datasheet
96Kb / 1P
   Transformer for Battery Management Systems
2020-04-02
74941300 WURTH-74941300 Datasheet
93Kb / 1P
   Transformer for Battery Management Systems
2020-03-05
74941301 WURTH-74941301 Datasheet
93Kb / 1P
   Transformer for Battery Management Systems
2020-04-02
74942301 WURTH-74942301 Datasheet
95Kb / 1P
   Transformer for Battery Management Systems
2020-04-02
74941302 WURTH-74941302 Datasheet
85Kb / 1P
   Transformer for Battery Management Systems
2020-04-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com