Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB14AA1A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB14AA1A
Description  3.3-V IEEE 1394-1995 Backplane PHY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB14AA1A Datasheet(HTML) 1 Page - Texas Instruments

  TSB14AA1A Datasheet HTML 1Page - Texas Instruments TSB14AA1A Datasheet HTML 2Page - Texas Instruments TSB14AA1A Datasheet HTML 3Page - Texas Instruments TSB14AA1A Datasheet HTML 4Page - Texas Instruments TSB14AA1A Datasheet HTML 5Page - Texas Instruments TSB14AA1A Datasheet HTML 6Page - Texas Instruments TSB14AA1A Datasheet HTML 7Page - Texas Instruments TSB14AA1A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.ti.com
FEATURES
DESCRIPTION
TSB14AA1A
TSB14AA1AI
TSB14AA1AT
SLLA222 – JUNE 2006
3.3-V IEEE 1394-1995 Backplane PHY
Logic Performs System Initialization
Arbitration Functions. Encode And Decode
Provides a Backplane 1394 Environment That
Functions Included for Data-Strobe Bit Level
Supports an Asynchronous Transfer Rate of
Encoding. Incoming Data Resynchronized to
50 or 100 Mbits/s Across 2 Etches
Local Clock.
Single 3.3-V Supply Operation With 5-V
Operates Over the Extended Temperature
Tolerance on the Transceiver Receive
Ranges of 0
°C to 70°C (no suffix), –40°C to
Interface
85
°C (I suffix), and –40°C to 105°C (T suffix)
Allows Utilization of 3-State Drivers as Well
Packaged in the Very Compact 48-Pin 7 x 7 x
as Open-Collector Drivers
1 mm PFB Package
Software Compatible With the TSB14CO1APM
(1)
IEEE Std 1394a–2000, IEEE Standard for a High
Enhanced Compatibility With the 1394 Cable
Performance Serial Bus – Amendment 1
Link Layer. Compatible With 1394–1995 and
(2)
IEEE Std 1394–1995, IEEE Standard for a High Performance
1394a–2000 Link Layers; PHY/link Interface is
Serial Bus
1394a Compliant1
(3)
Implements technology covered by one or more patents of
Supports Provisions of IEEE 1394–199523
Apple Computer, Inc. and ST Microelectronics.
Extensive Testability and Debug Functions
Added. Expanded Register Set Including
Automatic Saving of ID and Priority for Last
Node Winning Arbitration
100 MHz or 50 MHz Oscillator Provides
Transmit, Receive Data, and Link Layer
Controller (LLC) Clocks
The TSB14AA1A (TSB14AA1A refers to all three devices: TSB14AA1A, TSB14AA1AI, and TSB14AA1AT) is the
second-generation 1394 backplane physical layer device. It is recommended for use in all new designs instead
of the first generation TSB14C01A. It provides the physical layer functions needed to implement a single port
node in a backplane based 1394 network. The TSB14AA1A provides two pins for transmitting, two for receiving,
and two pins to externally control the transceivers for data and strobe. In addition to supporting open-collector
drivers, the TSB14AA1A can also support 3-state(1) (high-impedance) drivers. The TSB14AA1A is not designed
to drive the backplane directly; this function must be provided externally. The TSB14AA1A is designed to
interface with a link-layer controller (LLC), such as the TSB12LV01B, TSB12LV32, TSB12LV21B, etc.
The TSB14AA1A requires an external 98.304-MHz reference oscillator input for S100 asynchronous only
operation or 49.152-MHz for S50 asynchronous only operation. Two clock select pins (CLK_SEL0, CLK_SEL1)
select the speed mode for the TSB14AA1A. For S100 operation, the 98.304-MHz reference signal is internally
divided to provide the 49.152-MHz system clock signals used to control transmission of the outbound encoded
strobe and data information. The 49.152-MHz clock signal is also supplied to the associated LLC for
synchronization of the two chips and is used for resynchronization of the received data. For S50 operation, a
49.152-MHz reference signal is used. This reference signal is internally divided to provide the 24.576-MHz
system clock signals for S50 operations.
During packet transmit, data bits to be transmitted are received from the LLC on two parallel paths and are
latched internally in the TSB14AA1A in synchronization with the system clock. These bits are combined serially,
encoded, and transmitted as the outbound data-strobe information stream. During transmit, the encoded data
information is transmitted on TDATA, and the encoded strobe information is transmitted on TSTRB.
(1)
3-State means a driver may drive high, low, or may be placed in a high-impedance state
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSB14AA1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14AA1A TI-TSB14AA1A Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
TSB14AA1A TI1-TSB14AA1A Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AI TI-TSB14AA1AI Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
TSB14AA1AI TI1-TSB14AA1AI Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1AIPFB TI-TSB14AA1AIPFB Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
More results

Similar Description - TSB14AA1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14AA1A TI-TSB14AA1A Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
TSB14AA1A TI1-TSB14AA1A_15 Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01A TI-TSB14C01A Datasheet
424Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com