Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB81BA3EIZAJ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3EIZAJ
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3EIZAJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSB81BA3EIZAJ Datasheet HTML 5Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 6Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 7Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 8Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 9Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 10Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 11Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 12Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
TSB81BA3E
www.ti.com
SLLS783A – MAY 2009 – REVISED MAY 2010
TERMINAL FUNCTIONS (continued)
TERMINAL
PFP
ZAJ
DESCRIPTION
PACKAGE
PACKAGE
NAME
TYPE
NO.
NO.
I/O
Digital core circuit power terminals. A combination of high-frequency
decoupling capacitors near each terminal is suggested, such as paralleled
DVDD-
0.1 mF and 0.001 mF. An additional 1-mF capacitor is required for voltage
Supply
8, 37, 65, 71
D9, K9, D8
CORE
regulation. These supply terminals are separated from the DVDD-3.3,
PLLVDD-CORE, PLLVDD-3.3, and AVDD terminals internal to the device to
provide noise isolation.
Digital 3.3-V circuit power terminals. A combination of high-frequency
decoupling capacitors near each terminal is suggested, such as paralleled
0.1 mF and 0.001 mF. Lower-frequency 10-mF filtering capacitors are also
recommended. The DVDD-3.3 terminals must be tied together at a
DVDD-3.3
Supply
6, 18, 69, 70
E4, K5, K6
low-impedance point on the circuit board. These supply terminals are
separated from the PLLVDD-CORE, PLLVDD-3.3, DVDD-CORE, and
AVDD terminals internal to the device to provide noise isolation. The
PLLVDD-3.3, AVDD, and DVDD-3.3 terminals must be tied together with a
low dc impedance connection on the circuit board.
Link clock. Link-provided 98.304-MHz clock signal to synchronize data
LCLK
CMOS
7
G2
I
transfers from link to the PHY when the PHY-link interface is in the 1394b
mode. A bus holder is built into this terminal.
Link-on output/Data-strobe-only input for port 2. This terminal may be
connected to the link-on input terminal of the LLC through a 1-k
Ω resistor if
the link-on input is available on the link layer.
Data-strobe-only mode for port 2. 1394a-only port 0 enable programming
terminal. On hardware reset, this terminal allows the user to select whether
port 2 acts like a 1394b bilingual port (terminal at logic 0) or as a
1394a-2000-only port (terminal at logic 1). Programming is accomplished by
tying the terminal low through a 1-k
Ω or less resistor to enable 1394b
bilingual mode or high through a 1-k
Ω or less resistor to enable
1394a-2000-only mode. A bus holder is built into this terminal.
After hardware reset, this terminal is the link-on output, which notifies the
LLC or other power-up logic to power up and become active. The link-on
output is a square wave signal with a period of approximately 163 ns
(8 PCLK cycles) when active. The link-on output is otherwise driven low,
except during hardware reset when it is high impedance.
The link-on output is activated if the LLC is inactive (the LPS input inactive
or the LCtrl bit cleared) and when one:
LKON/DS2
CMOS
2
D2
I/O
a.
The PHY receives a link-on PHY packet addressed to this node.
b.
The PEI (port-event interrupt) register bit is 1.
c.
Any
of
the
CTOI
(configuration-timeout
interrupt),
CPSI
(cable-power-status
interrupt),
or
STOI
(state-time-out
interrupt)
register bits is 1 and the RPIE (resuming-port interrupt enable) register
bit is also 1.
d.
The PHY is power-cycled and the power class is 0 through 4.
Once activated, the link-on output is active until the LLC becomes active
(both the LPS input active and the LCtrl bit set). The PHY also deasserts
the link-on output when a bus-reset occurs unless the link-on output is
otherwise active because one of the interrupt bits is set (that is, the link-on
output is active due solely to the reception of a link-on PHY packet).
In the case of power-cycling the PHY, the LKON signal must stop after
167 ms if the preceding conditions have not been met.
NOTE: If an interrupt condition exists, which otherwise would cause the
link-on output to be activated if the LLC were inactive, then the link-on
output is activated when the LLC subsequently becomes inactive.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TSB81BA3E


Similar Part No. - TSB81BA3EIZAJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3EIZAJ TI-TSB81BA3EIZAJ Datasheet
610Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB81BA3EIZAJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com