Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M7812S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PT7M7812S
Description  Precision supply-voltage monitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PT7M7812S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PT7M7812S Datasheet HTML 1Page - List of Unclassifed Manufacturers PT7M7812S Datasheet HTML 2Page - List of Unclassifed Manufacturers PT7M7812S Datasheet HTML 3Page - List of Unclassifed Manufacturers PT7M7812S Datasheet HTML 4Page - List of Unclassifed Manufacturers PT7M7812S Datasheet HTML 5Page - List of Unclassifed Manufacturers PT7M7812S Datasheet HTML 6Page - List of Unclassifed Manufacturers PT7M7812S Datasheet HTML 7Page - List of Unclassifed Manufacturers PT7M7812S Datasheet HTML 8Page - List of Unclassifed Manufacturers PT7M7812S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0109(10/10)
Ver: 15
5
Data Sheet
PT7M7803/7809-7812/7823-7825
µP Supervisor Circuits
Pin Description
Pin
Type
Description
MR
I
Manual-Reset: (CMOS). Active low. Pull low to force a reset. Reset remains asserted for the duration of
the Reset Timeout Period after MR transitions from low to high. Leave unconnected or connected to VCC
if not used.
VCC
Power
Supply Voltage. Reset is asserted when VCC drops below the Reset Threshold Voltage (VRST). Reset
remains asserted until VCC rises above VRST and keep asserted for the duration of the Reset Timeout
Period (tRS) once VCC rises above VRST.
GND
-
Ground Reference for all signals.
PFI
I
Power-Fail Voltage Monitor Input. When PFI <VPFT, PFO goes low. Connect PFI to GND or Vcc when
not used.
PFO
O
Power-Fail Output: it gets low and sinks current when PFI is less than 1.25V; otherwise PFO stays high.
WDI
I
Watchdog Input (CMOS). If WDI remains high or low for the duration of the watchdog timeout period
(tWD), the internal watchdog timer trigger a reset output. Floating WDI or connecting WDI to a high-
impedance three-state buffer disables the watchdog feature. The internal watchdog timer clears whenever
reset is asserted or WDI occurs a rising or falling edge.
RESET
O
Active-Low Reset Output (Push-Pull or Open-Drain). It goes low when Vcc is below the reset
threshold. It remains low for about 200ms after one of the following occurs: Vcc rises above the reset
threshold (VRST), the watchdog triggers a reset, or MR goes from low to high.
RESET
O
The inverse of RESET, active high. Whenever RESET is high, RESET is low.
NC
-
No connection.
Functional Description
Reset Output
A microprocessor (
µP) reset input starts the µP in a known state. Whenever the µP is in an unknown state, it should be held in
reset. The supervisory circuits assert reset during power-up and prevent code execution errors during power-down or brownout
conditions.
On power-up, once Vcc reaches about 1.0V, RESET is a guaranteed logic low of 0.4V or less. As Vcc rises, RESET stays low.
When Vcc rises above the reset threshold, an internal timer releases RESET after about 200ms. RESET pulses low whenever Vcc
drops below the reset threshold, i.e. brownout condition. If brownout occurs in the middle of a previously initiated reset pulse, the
pulse continues for at least another 200ms. On power-down, once Vcc falls below the reset threshold, RESET stays low and is
guaranteed to be 0.4V or less until Vcc drops below 1.0V. Watchdog Timing Diagram shows the timing relationship.
The active-high RESET output is simply the inverse of the RESET output, and is guaranteed to be valid with Vcc down to 1.0V.
Watchdog Timer
The PT7M78xx watchdog circuit monitors the
µP activity. If the µP does not toggle the watch-dog input (WDI) within 1.6s, reset
asserts. As long as reset is asserted or the WDI input is toggled, the watchdog timer will stay clear and will not count. As soon as
reset is released, the timer will start counting. WDI input pulses as short as 50ns can be detected.
Disable the watchdog function by leaving WDI unconnected or by three-stating driver connected to WDI.
Manual Reset
The manual-reset input (MR) allows reset to be triggered by a push button switch. MR has an internal pullup resistor, so it can be
left open when not used.
Power-Fail Comparator
The power-fail comparator can be used for various purposes because its output and noninverting input are not internally connected.
The inverting input is internally connected to a 1.25V reference.


Similar Part No. - PT7M7812S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M7812S DIODES-PT7M7812S Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
More results

Similar Description - PT7M7812S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com