Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB86832-80PFV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB86832-80PFV
Description  32-bit Embedded Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86832-80PFV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB86832-80PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB86832-80PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB86832-80PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB86832-80PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB86832-80PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB86832-80PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB86832-80PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB86832-80PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB86832-80PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
MB86830 Series
5
6.Register
7.Clock gear
• MB86832/833/834/835/836 : Supported
• MB86831 : No supported
8.External signal
*:RAS1# to RAS3# and DWE1# to DWE3# deletion.
Register name
MB86831/832/833/835/836
MB86834
Instruction Cache Invalidate
Register
(ICINVLD)
Map of
ASI
= 0x0c, ADR = 0x00001000(Bank1)
ASI
= 0x0c, ADR = 0x80001000(Bank2)
Map of
ASI
= 0x0c, ADR = 0x00008000(Bank1)
ASI
= 0x0c, ADR = 0x80008000(Bank2)
Data Cache Invalidate
Register
(DCINVLD)
Map of
ASI
= 0x0e, ADR = 0x00001000(Bank1)
ASI
= 0x0e, ADR = 0x80001000(Bank2)
Map of
ASI
= 0x0e, ADR = 0x00008000(Bank1)
ASI
= 0x0e, ADR = 0x80008000(Bank2)
Register name
MB86831
MB86832
MB86833
MB86834
MB86835
MB86836
Ancillary Version Register
(VER2)
(00)16
(01)16
(02)16
(03)16
(04)16
(01)16
Item
MB86831
MB86832
MB86833
MB86834
MB86835
MB86836
ASISEL pin function
No
Multiplex of
ADR<31:28>
and ASI<3:0>
Multiplex of
ADR<27:24>
and ASI<3:0>
Multiplex of
ADR<31:28>
and ASI<3:0>
Multiplex of ADR<27:24> and
ASI<3:0>
DSU (debugging
support unit)
No
Yes
No
Yes
No
DRAM controller
4Bank
supported
4Bank
supported
1Bank
supported*
4Bank
supported
1Bank
supported*
No
General-purpose
16-bit timer
No
Wih 1ch.
prescaler
(Equivalent to
MB86942)
JTAG
No
Support
Pull-up resistor or
pull-down resistor
Inclusion
Inclusion
No
Inclusion


Similar Part No. - MB86832-80PFV

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB86 MCC-MB86 Datasheet
78Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86 MCC-MB86 Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86-BP MCC-MB86-BP Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Fujitsu Component Limit...
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
   TV/VCR D/A Converter (3 ch, 8 bit)
MB86040 FUJITSU-MB86040 Datasheet
151Kb / 7P
   CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT
More results

Similar Description - MB86832-80PFV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
   Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
   Low Power 32-Bit Mobile Embedded Controller
03/25/14
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com