Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28600DG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28600DG4
Description  8-Pin Quasi-Resonant Flyback Green-Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28600DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28600DG4 Datasheet HTML 3Page - Texas Instruments UCC28600DG4 Datasheet HTML 4Page - Texas Instruments UCC28600DG4 Datasheet HTML 5Page - Texas Instruments UCC28600DG4 Datasheet HTML 6Page - Texas Instruments UCC28600DG4 Datasheet HTML 7Page - Texas Instruments UCC28600DG4 Datasheet HTML 8Page - Texas Instruments UCC28600DG4 Datasheet HTML 9Page - Texas Instruments UCC28600DG4 Datasheet HTML 10Page - Texas Instruments UCC28600DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
R
CS +
V
PL * VCS(os)
I
CS(2) * ICS(1)
I
CS(2)IP(1) * ICS(1)IP(2)
R
PL +
V
PL * VCS(os)
I
P(2) * IP(1)
I
CS(1)IP(2) * ICS(2)IP(1)
R
OVP1 +
1
I
OVP(line)
N
B
N
P
V
BULK(ov)
R
OVP2 + ROVP1
V
OVP(load)
N
B
N
S
V
OUT(shutdown) ) VF * VOVP(load)
UCC28600
www.ti.com
SLUS646J
– NOVEMBER 2005 – REVISED JULY 2011
TERMINAL COMPONENTS
TERMINAL
I/O
DESCRIPTION(1) (2) (3)
NAME
NO.
(1)
CS
3
I
where:
IP1 is the peak primary current at low line, full load
(3)
IP2 is the peak primary current at high line, full load
(3)
ICS1 is the power limit current that is sourced at the CS pin at low-line voltage
(3)
ICS2 is the power limit current that is sourced at the CS pin at high-line voltage
(3)
VPL is the Power Limit (PL) threshold
(2)
VCS(os) is the CS offset voltage
(2)
FB
2
I
Opto-isolator collector
GND
4
-
Bypass capacitor to VDD, CBP = 0.1 μF
OUT
5
O
Power MOSFET gate
OVP
7
I
where:
IOVP(line) is OVPline current threshold
(2)
VBULK(ov) is the allowed input over- voltage level
(3)
VOVP(load) is OVPload
(2)
VOUT(shutdown) is the allowed output over-voltage level
(3)
VF is the forward voltage of the secondary rectifier
NB is the number of turns on the bias winding
(3)
NS is the number of turns on the secondary windings
(3)
NP is the number of turns on the primary windings
(3)
(1)
Refer to Figure 1 for all reference designators in the Terminal Components Table.
(2)
Refer to the Electrical Characteristics Table for constant parameters.
(3)
Refer to the UCC28600 Design Calculator (TI Literature Number SLVC104) or laboratory measurements for currents, voltages and times
in the operational circuit.
Copyright
© 2005–2011, Texas Instruments Incorporated
7


Similar Part No. - UCC28600DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600DG4 TI1-UCC28600DG4 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
More results

Similar Description - UCC28600DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600 TI-UCC28600_15 Datasheet
1Mb / 44P
[Old version datasheet]   UCC28600 8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
   QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
   Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
   High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
   High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com