Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M7809Z Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PT7M7809Z
Description  Precision supply-voltage monitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PT7M7809Z Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PT7M7809Z Datasheet HTML 3Page - List of Unclassifed Manufacturers PT7M7809Z Datasheet HTML 4Page - List of Unclassifed Manufacturers PT7M7809Z Datasheet HTML 5Page - List of Unclassifed Manufacturers PT7M7809Z Datasheet HTML 6Page - List of Unclassifed Manufacturers PT7M7809Z Datasheet HTML 7Page - List of Unclassifed Manufacturers PT7M7809Z Datasheet HTML 8Page - List of Unclassifed Manufacturers PT7M7809Z Datasheet HTML 9Page - List of Unclassifed Manufacturers PT7M7809Z Datasheet HTML 10Page - List of Unclassifed Manufacturers PT7M7809Z Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0109(10/10)
Ver: 15
7
Data Sheet
PT7M7803/7809-7812/7823-7825
µP Supervisor Circuits
DC Electrical Characteristics
(VCC = VRN + 5% to 5.5V, TA= -40~85ºC, unless otherwise noted.)(Note 1)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Voltage Range
-
1.0
-
5.5
V
7803/09/10/11/12
-
10
30
µA
ICC
Supply Current
Vcc = 5V, No
load
7823/24/25
-
13
36
VIH
Input High Voltage
Pin: MR, WDI
0.7VCC
-
-
V
VIL
Input Low Voltage
Pin: MR, WDI
-
-
0.3VCC
V
78xx(except
7809R/M)
VRN - 1.5%
VRN
VRN + 1.5%
7809M
VRN -1.1%
VRN
VRN +1.1%
TA= 25ºC
7809R
VRN -1.0%
VRN
VRN +1.0%
TA= -40 ~ 85ºC
7809M
VRN - 1.8%
VRN
VRN + 2%
VRST
(V
RTH)
Threshold Voltage(Falling-
edge)(Note 2)
TA= -40 ~ 85ºC
78xx(except
7809M)
VRN - 2.5%
VRN
VRN + 2.5%
V
VRTH
Threshold Voltage(Rising-
edge) (Note 2)
TA= -40 ~ 85ºC
7809M
4.232
4.31
4.396
V
7823/24/25L/M
-
12
-
7823/24/25
T/S/R/K/Z/Y
-
4
-
VRTH
Reset Threshold Hysteresis
(Note 2)
Vcc varies
between
VRN ± 5%
Others
-
50
-
mV
Vcc
≥ 4.5V Isource=800µA
Vcc-1.5
-
-
Vcc
≥ 2.7V Isource=500µA
0.8×Vcc
-
-
Vcc
≥ 1.8V Isource=150µA
0.8×Vcc
-
-
Output High
Voltage(Except
7823/24/25)
Vcc
≥ 1.0V Isource=4µA
0.8×Vcc
-
-
V
7823/24/25L/M, Vcc=VRST
Isource=120µA
Vcc-1.5
-
-
V
VOH
Output High
Voltage(7823/24/25)
7823/24/25T/S/R/K, Vcc=VRST
Isource=30µA
0.8×Vcc
-
-
V
Vcc
≥ 4.5V Isink=3.2mA
-
-
0.4
Vcc
≥ 2.7V Isink=1.2mA
-
-
0.3
VOL
Output Low Voltage
Vcc
≥ 1.0V Isink=100µA
-
-
0.3
V
ILKG
Open-Drain Output
Leakage Current
VCC > VTH(MAX) for 7803
-
-
1
µA
WDI connected to VCC: 5.5V
-
120
160
IWDI
Average WDI Input
Current (Note 3)
WDI connected to GND
-20
-15
-
µA
PT7M782xL/M, RESET=0V,
Vcc=5.5V
-
-
800
Isource
RESET Output Short-
Circuit Current (only for
PT7M7823/24/25)
PT7M782xT/S/R/K/Z/Y, RESET=0V,
Vcc=3.6V
-
-
400
µA
PT7M7811/7812
10
20
30
r
MR pull-up resistor
(internal)
PT7M7823/7824/7825
35
52
75
k
Note: 1. Parameters of room temperature guaranteed by production test and parameters of full-temperature guaranteed by design.
2. Valid for both RESET and RESET. VRST (VRTH-) is the Reset threshold voltage when VCC from high to low level, and
VRTH+ is the Reset threshold voltage when VCC from low to high level. VRN is nominal reset threshold voltage.
3. WDI is internally serviced within the watchdog period if WDI is left unconnected.


Similar Part No. - PT7M7809Z

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M7809Z PERICOM-PT7M7809Z Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Diodes Incorporated
PT7M7809Z DIODES-PT7M7809Z Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
More results

Similar Description - PT7M7809Z

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com