Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28630D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28630D
Description  High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28630D Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28630D Datasheet HTML 6Page - Texas Instruments UCC28630D Datasheet HTML 7Page - Texas Instruments UCC28630D Datasheet HTML 8Page - Texas Instruments UCC28630D Datasheet HTML 9Page - Texas Instruments UCC28630D Datasheet HTML 10Page - Texas Instruments UCC28630D Datasheet HTML 11Page - Texas Instruments UCC28630D Datasheet HTML 12Page - Texas Instruments UCC28630D Datasheet HTML 13Page - Texas Instruments UCC28630D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
HV
VDD
DRV
VO Sample
VIN Sample
VREF
Voltage Loop
Compensation
CV Demand
Isw
Sample
PIN Compute
PIN=(VIN x ISW(MID))x(tON/tSW)
VIN
ISW(mid)
tON
tSW
VO
PIN
PLIM
+
ILIM x VO
Current Loop
Compensation
CC Demand
+
+
VREF x 120%
OVP Fault
FM + AM
Modulator
Sleep Timer
+
tSW
IPK(dem)
IDD(LIMIT)
and
IHV(MEAS)
Fault Filtering and
Status Monitor
Start-Up and
Bias Control
PWM
Comparator
+
VTRIP(sd)
SD Fault
Q
S
R
IPK(dem)
SD Fault
OVP Fault
Overload Timer
OCP Fault
OCP Fault
+
VTRIP(TEMP)
Internal
Temp
Sensor
Over-Temp Fault
tON(max)
tON(min)
tON
tSMP1
tSMP2
tSMP3
+
+
VDD
VVDD(ov)
VVDD(uv)
VDD OV Fault
VDD UV Fault
VDD OV Fault
VDD UV Fault
Over-Temp Fault
Timing and
Trigger
Generation
/
tON(max)
tON(min)
tSMP,n
n
X-Cap Fault
tSW
JFET Control
PWM Enable
PWM Enable
X-Cap Discharge
Detect
JFET Control
IHV(meas)
tSMP4
X-Cap Fault
tSW
tON
+
VAC(min)
Line UV Fault
Line UV Fault
Min
Demand
VO
4
GND
3
CS
2
SD
1
VSENSE
5
6
8
UCC28630
SLUSBW3A – MARCH 2014 – REVISED MARCH 2014
www.ti.com
8 Detailed Description
8.1 Overview
The UCC28630 device is a highly-integrated, primary-side-regulated (PSR) flyback controller. The device
supports magnetically-sensed output voltage regulation via the transformer bias winding. This feature eliminates
the need for a secondary-side reference, error amplifier and opto-isolator. The device employs an advanced
internal control algorithm that offers accurate static output voltage regulation against line and load. The fixed-
point, magnetic-sampling scheme allows operation in both continuous conduction mode (CCM) and
discontinuous conduction mode (DCM). Additionally, the device achieves accurate constant-current (CC) control
of the output current limit using only primary-side, current sensing. Uniquely, this CC function operates
seamlessly as the operating mode changes between DCM and CCM operation.
The controller includes an internal, high-voltage (HV) start-up current-source, and employs low-power sleep
modes and switching frequency reduction, to improve light-load efficiency and standby power. The device
typically achieves standby power levels between 0.05% and 0.1% of peak output power.
The controller operates in either DCM and CCM, using a mix of peak current-mode PWM (AM) and switching-
frequency modulation (FM) schemes. The control approach improves performance (efficiency, size and cost) and
can reduce transformer size and cost by allowing operation in CCM with FM during peak overload conditions.
Extensive protection features are incorporated, including output overvoltage protection (OVP), bias rail
overvoltage and undervoltage (OV/UV), active X-capacitor discharge, line undervoltage and brownout protection,
overcurrent overload timer, open- and short-circuit terminal protections, peak current adjustment with line and
frequency dither for system EMI reduction.
8.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCC28630


Similar Part No. - UCC28630D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630D TI-UCC28630D Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28630D TI1-UCC28630D Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28630DR TI-UCC28630DR Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28630DR TI1-UCC28630DR Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
More results

Similar Description - UCC28630D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI-UCC28632_15 Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com