Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4944 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # U4944
Description  Rotary code switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U4944 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  U4944 Datasheet HTML 1Page - List of Unclassifed Manufacturers U4944 Datasheet HTML 2Page - List of Unclassifed Manufacturers U4944 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APEM
www.apem.com
F-7
PT65 series
Rotary code switches
Through-hole
F
ACCESSORIES ADAPTED TO YOUR APPLICATIONS
Basic model PT657 has been designed to accept different
actuators with snap-in connection.
According to your application, you can choose between spindles
or plastic knobs in two different lengths and a
Ø 17 mm (.669) knurled wheel for lateral marking.
Standard colours are shown below. Special colours are also
available on request.
STANDARD PRODUCTS
MODELS
CODES
BCD
BCD complement
Hexadecimal
Hexadecimal complem.
FOR SCREWDRIVER
Upper actuation
PT65101
PT65102
PT65103
PT65303
PT65503
PT65303L254
-
PT65103L254
PT65103L508
PT65106
-
-
-
-
-
Side actuation
PT65101L254
PT65101L508
-
-
-
-
PT65502
-
-
Upper actuation
PT65301
PT65501
-
PT65701
Upper actuation
Side actuation
Upper actuation
WITH SPINDLE
WITH SEGMENT WHEEL
FOR ACCESS.
SPINDLES
Length 11,6 mm (standard)
Length 13,3 mm
P/N
U4822
U4824
U4832
COLOURS
black
grey
black
PLASTIC KNOBS
Length 5,3 mm (standard)
Length 15,7 mm
(
(
Length 4,4 mm
(
(
(
P/N
U4906
U4916
U4941
U4943
U4944
U4945
U4946
COLOURS
red
red
blue
green
grey
yellow
red
KNURLED WHEEL
(unmarked - marking
on request)
P/N
U4847/1
COLOUR
white/black
Panel
(.157)
4.00
(.524)
13.30
11.60
(.457)
(.413)
10.50
(.240)
6.10
(.122)
3.10
(.209)
5.30
15.70
(.618)
(.083)
2.10
(.122)
(.161)
3.10
4.10
2.80
(.110)
(.138)
3.50
4.40
(.173)
17.00
(.669)
(.283)
7.20
1.80
(.071)
3.10
(.122)
9.60
(.378)


Similar Part No. - U4944

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U490B TEMIC-U490B Datasheet
84Kb / 6P
   One-Shot Phase Control
logo
List of Unclassifed Man...
U490B ETC1-U490B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
TEMIC Semiconductors
U4935B TEMIC-U4935B Datasheet
183Kb / 16P
   SECAM Decoder
U4935B-ADP TEMIC-U4935B-ADP Datasheet
183Kb / 16P
   SECAM Decoder
More results

Similar Description - U4944

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT65 ETC2-PT65 Datasheet
126Kb / 3P
   Rotary code switches
PT65112L254 ETC2-PT65112L254 Datasheet
211Kb / 3P
   Rotary code switches
P36S101 ETC2-P36S101 Datasheet
303Kb / 2P
   Low profile rotary code switches
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
   Wheel/Indicator Type Rotary DIP Code Switches
RDS10-112 PURDY-RDS10-112 Datasheet
151Kb / 2P
   Flat/Flush Shaft Type Rotary DIP Code Switches
logo
List of Unclassifed Man...
P25SMT101 ETC2-P25SMT101 Datasheet
686Kb / 2P
   Rotary Code Switch
P25SMJ801 ETC2-P25SMJ801 Datasheet
165Kb / 2P
   Rotary Code Switch
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com