Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M7809Y Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT7M7809Y
Description  Precision supply-voltage monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M7809Y Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PT7M7809Y Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M7809Y Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M7809Y Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M7809Y Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M7809Y Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M7809Y Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M7809Y Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M7809Y Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M7809Y Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0109S-15
10/14/10
6
PT7M7803/7809-7812/7823-7825
µP Supervisor Circuits
Block Diagram
V cc
V
RST
1.25V
Watchdog
Transition Detector
Watchdog Timer
WDI
Timebase for Reset
& Watchdog
Reset Generator
MR
Vcc
PFI
RESET
(RESET)
PFO
Functional Description
Reset Output
A microprocessor (
µP) reset input starts the µP in a known state. Whenever the µP is in an unknown state, it should be held in
reset. The supervisory circuits assert reset during power-up and prevent code execution errors during power-down or brownout
conditions.
On power-up, once Vcc reaches about 1.0V, RESET is a guaranteed logic low of 0.4V or less. As Vcc rises, RESET stays low.
When Vcc rises above the reset threshold, an internal timer releases RESET after about 200ms. RESET pulses low whenever Vcc
drops below the reset threshold, i.e. brownout condition. If brownout occurs in the middle of a previously initiated reset pulse, the
pulse continues for at least another 200ms. On power-down, once Vcc falls below the reset threshold, RESET stays low and is
guaranteed to be 0.4V or less until Vcc drops below 1.0V. Watchdog Timing Diagram shows the timing relationship.
The active-high RESET output is simply the inverse of the RESET output, and is guaranteed to be valid with Vcc down to 1.0V.
Watchdog Timer
The PT7M78xx watchdog circuit monitors the
µP activity. If the µP does not toggle the watch-dog input (WDI) within 1.6s, reset
asserts. As long as reset is asserted or the WDI input is toggled, the watchdog timer will stay clear and will not count. As soon as
reset is released, the timer will start counting. WDI input pulses as short as 50ns can be detected.
Disable the watchdog function by leaving WDI unconnected or by three-stating driver connected to WDI.
Manual Reset
The manual-reset input (MR) allows reset to be triggered by a push button switch. MR has an internal pullup resistor, so it can be
left open when not used.
Power-Fail Comparator
The power-fail comparator can be used for various purposes because its output and noninverting input are not internally connected.
The inverting input is internally connected to a 1.25V reference.
11-0012


Similar Part No. - PT7M7809Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7M7809Y ETC2-PT7M7809Y Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Diodes Incorporated
PT7M7809Y DIODES-PT7M7809Y Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
More results

Similar Description - PT7M7809Y

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com