Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M7809XTE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M7809XTE
Description  Precision supply-voltage monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M7809XTE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M7809XTE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M7809XTE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M7809XTE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M7809XTE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M7809XTE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M7809XTE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M7809XTE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M7809XTE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M7809XTE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
µP Supervisor Circuits
PT0109S-15
10/14/10
1
PT7M7803/7809-7812/7823-7825
Features
Precision supply-voltage monitor
-
4.63V (PT7M78xxL)
-
4.38V (PT7M78xxM except PT7M7803/09/10M)
-
3.08V (PT7M78xxT)
-
2.93V (PT7M78xxS)
-
2.63V (PT7M78xxR)
-
2.32V (PT7M78xxZ)
-
2.20V (PT7M78xxY)
-
4.00V (PT7M78xxJ)
-
4.26V (PT7M7803/09/10M)
-
2.25V (PT7M7823/24K)
200ms reset pulse width
Debounced CMOS-compatible manual-reset input
(7811, 7812, 7823, 7825)
Reset Output Signal for Watchdog and Power
Abnormal, Manual Reset
Reset
Push-Pull
output
(PT7M7809,7811,7823,
7824,7825)
Reset Open-Drain output (PT7M7803)
Voltage monitor for power-fail or low battery
warning
Guaranteed RESET/RESET valid at VCC=1.0V
Description
The PT7M78xx family microprocessor (
µP)
supervisory circuits are targeted to improve
reliability and accuracy of power-supply
circuitry in
µP systems. These devices reduce
the complexity and number of components
required to monitor power-supply and battery
functions.
The main functions are:
1. Asserting reset output during power-up,
power-down and brownout conditions for
µP system.
2. Detecting power failure or low-battery
conditions with a 1.25V threshold detector.
3. Watchdog functions
4. Manual reset.
Applications
Power-supply circuitry in
µP systems
Monitored Voltage Table
X
L
M
1)
T
S
R
Z
Y
J
K
2)
Reset Threshold (V)
4.63
4.38
3.08
2.93
2.63
2.32
2.20
4.00
2.25
Note1): Threshold voltage=4.38V can be applied to all parts except PT7M7803/09/10M. PT7M7803/09/10M’s threshold voltage
is 4.26V.
2): Threshold voltage=2.25V only for PT7M7823/24K.
Function Comparison
RESET output
Part No.
Push-Pull
Open-Drain
RESET
output
(push-pull)
Manual Reset
Input
Power Fail
Detector
(1.25V)
Watchdog
Input
1
PT7M7803
-
-
-
-
-
2
PT7M7809
-
-
-
-
-
3
PT7M7810
-
-
-
-
-
4
PT7M7811
-
-
-
-
5
PT7M7812
-
-
-
-
6
PT7M7823
-
-
-
7
PT7M7824
-
-
-
8
PT7M7825
-
-
-
11-0012


Similar Part No. - PT7M7809XTE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7M7809XTE ETC2-PT7M7809XTE Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Diodes Incorporated
PT7M7809XTEX DIODES-PT7M7809XTEX Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
More results

Similar Description - PT7M7809XTE

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com