Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28703 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28703
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28703 Datasheet(HTML) 5 Page - Texas Instruments

  UCC28703 Datasheet HTML 1Page - Texas Instruments UCC28703 Datasheet HTML 2Page - Texas Instruments UCC28703 Datasheet HTML 3Page - Texas Instruments UCC28703 Datasheet HTML 4Page - Texas Instruments UCC28703 Datasheet HTML 5Page - Texas Instruments UCC28703 Datasheet HTML 6Page - Texas Instruments UCC28703 Datasheet HTML 7Page - Texas Instruments UCC28703 Datasheet HTML 8Page - Texas Instruments UCC28703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UCC28700, UCC28701
UCC28702, UCC28703
www.ti.com
SLUSB41 – JULY 2012
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VDD = 25 V, RCBC = RNTC = open, -20°C ≤ TA ≤ 125°C, TJ = TA
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Protection
VOVP
Over-voltage threshold
At VS input, TJ = 25°C
4.52
4.6
4.68
V
VOCP
Over-current threshold
At CS input
1.4
1.5
1.6
IVSL(run)
VS line-sense run current
Current out of VS pin – increasing
190
220
260
µA
IVSL(stop)
VS line-sense stop current
Current out of VS pin – decreasing
70
80
95
KVSL
VS line-sense ratio
IVSL(run) / IVSL(stop)
2.5
2.8
3.05
A/A
Thermal shut-down
TJ(stop)
Internal junction temperature
165
°C
temperature
Cable Compensation (UCC28700 only)
Cable compensation
VCBC(max)
Voltage at CBC at full load
2.8
3.0
3.4
V
maximum voltage
VCBC = open, change in VS regulating level at full
VCVS(min)
Compensation at VS
-45
-15
25
load
mV
Maximum compensation at
VCBC = 0 V, change in VS regulating level at full
VCVS(max)
275
320
365
VS
load
Cable Compensation (UCC28701/2/3 only)
Compensation at VS
VCVS
Change in VS regulating level at full load
-45
-15
25
(UCC28701)
Compensation at VS
VCVS
Change in VS regulating level at full load
100
mV
(UCC28702)
Compensation at VS
VCVS
Change in VS regulating level at full load
200
(UCC28703)
NTC Input (UCC28701/2/3 only)
VNTCTH
NTC shut-down threshold
Fault UVLO cycle when below this threshold
0.95
V
INTC
NTC pull-up current
Current out of pin
105
µA
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC28700, UCC28701 UCC28702, UCC28703


Similar Part No. - UCC28703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28703 TI1-UCC28703 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703 TI-UCC28703 Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVR TI-UCC28703DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com