Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYT4215 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LYT4215
Description  LYTSwitch High Power LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT4215 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LYT4215 Datasheet HTML 3Page - Power Integrations, Inc. LYT4215 Datasheet HTML 4Page - Power Integrations, Inc. LYT4215 Datasheet HTML 5Page - Power Integrations, Inc. LYT4215 Datasheet HTML 6Page - Power Integrations, Inc. LYT4215 Datasheet HTML 7Page - Power Integrations, Inc. LYT4215 Datasheet HTML 8Page - Power Integrations, Inc. LYT4215 Datasheet HTML 9Page - Power Integrations, Inc. LYT4215 Datasheet HTML 10Page - Power Integrations, Inc. LYT4215 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Rev. B 02/13
7
LYT4211-4218/4311-4318
www.powerint.com
Diode D6, C5, C9, R19 and R20 create the primary bias supply
from an auxiliary winding on the transformer. Capacitor C8
provides local decoupling for the BYPASS pin of U1 which is the
supply pin for the internal controller. During start-up C8 is
charged to ~6 V from an internal high-voltage current source
tied to the device DRAIN pin. This allows the part to start
switching at which point the operating supply current is provided
from the bias supply via R17. Capacitor C8 also selects the
output power mode (47
µF for reduced power was selected to
reduce dissipation in U1 and increase efficiency for this design).
Feedback
The bias winding voltage is proportional to the output voltage
(set by the turns ratio between the bias and secondary
windings). This allows the output voltage to be monitored
without secondary-side feedback components. Resistor R18
converts the bias voltage into a current which is fed into the
FEEDBACK pin of U1. The internal engine within U1 combines
the FEEDBACK pin current, the VOLTAGE MONITOR pin current
and drain current information to provide a constant output
current over a 1.5:1 output voltage variation (LED string voltage
variation of ±25%) at a fixed line input voltage.
To limit the output voltage at no-load an output overvoltage
protection circuit is set by D8, C15, R22, VR4, R27, C14 and Q2.
Should the output load be disconnected then the bias voltage
will increase until VR4 conducts, turning on Q2 and reducing
the current into the FEEDBACK pin. When this current drops
below 10
µA the part enters auto-restart and switching is
disabled for 300 ms allowing time for the output and bias
voltages to fall.
Output Rectification
The transformer secondary winding is rectified by D7 and
filtered by C11 and C12. An ultrafast TO-220 diode was
selected for efficiency and the combined value of C11 and C12
were selected to give peak-to-peak LED ripple current equal to
30% of the mean value. For designs where lower ripple is
desirable the output capacitance value can be increased.
A small pre-load is provided by R23 which discharges residual
charge in output capacitors when turned off.
TRIAC Phase Dimming Control Compatibility
The requirement to provide output dimming with low-cost,
TRIAC-based, leading edge phase dimmers introduces a
number of trade-offs in the design.
Due to the much lower power consumed by LED based lighting
the current drawn by the overall lamp is below the holding
current of the TRIAC within the dimmer. This can cause
undesirable behaviors such as limited dimming range and/or
flickering as the TRIAC fires inconsistently. The relatively large
impedance the LED lamp presents to the line allows significant
ringing to occur due to the inrush current charging the input
capacitance when the TRIAC turns on. This too can cause
similar undesirable behavior as the ringing may cause the
TRIAC current to fall to zero and turn off.
To overcome these issues simple two circuits, the SCR active
damper and R-C passive bleeder, are incorporated. The
drawback of these circuits is increased dissipation and
therefore reduced efficiency of the supply. For non-dimming
applications these components can simply be omitted.
The SCR active damper consists of components R6, C3, and
Q1 in conjunction with R8. This circuit limits the inrush current
that flows to charge C4 when the TRIAC turns on by placing R8
in series for the first ~1 ms of the TRIAC conduction. After
approximately 1 ms, Q1 turns on and bypasses R8. This keeps
the power dissipation on R8 low and allows a larger value
during current limiting. Resistor R6 and C3 provide the delay
on Q1 turn on after the TRIAC conducts. Diode D9 blocks the
charge in capacitor C4 from flowing back after the TRIAC turns
on which helps in dimming compatibility especially with high
power dimmers.
The passive bleeder circuit is comprised of R1 and C1. This
helps keep the input current above the TRIAC holding current
while the input current corresponding to the effective driver
resistance increases during each AC half-cycle.


Similar Part No. - LYT4215

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
LYT4211-LYT4218 POWERINT-LYT4211-LYT4218 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
More results

Similar Description - LYT4215

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK403 POWERINT-LNK403 Datasheet
2Mb / 20P
   LinkSwitch-PH LED Driver IC Family
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com