Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22181EE-90 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB84VD22181EE-90
Description  32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD22181EE-90 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB84VD22181EE-90 Datasheet HTML 1Page - Fujitsu Component Limited. MB84VD22181EE-90 Datasheet HTML 2Page - Fujitsu Component Limited. MB84VD22181EE-90 Datasheet HTML 3Page - Fujitsu Component Limited. MB84VD22181EE-90 Datasheet HTML 4Page - Fujitsu Component Limited. MB84VD22181EE-90 Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD22181EE-90 Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD22181EE-90 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD22181EE-90 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD22181EE-90 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
DS05-50204-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM
CMOS
32M (
× 8/×16) FLASH MEMORY &
4M (
× 8/×16) STATIC RAM
MB84VD2218XEC-90/MB84VD2219XEC-90
MB84VD2218XEE-90/MB84VD2219XEE-90
s
s
s
s FEATURES
• Power supply voltage of 2.7 to 3.3 V
• High performance
90 ns maximum access time (Flash)
85 ns maximum access time (SRAM)
• Operating Temperature
–25 to +85
°C
• Package 73-ball BGA
(Continued)
s
s
s
s PRODUCT LINE UP
s
s
s
s PACKAGE
Flash Memory
SRAM
Ordering Part No.
VCCf, VCCs = 3.0 V
MB84VD2218XEC/EE-90/MB84VD2219XEC/EE-90
Max. Address Access Time (ns)
90
85
Max. CE Access Time (ns)
90
85
Max. OE Access Time (ns)
40
45
+0.3 V
–0.3 V
73-ball plastic BGA
(BGA-73P-M01)


Similar Part No. - MB84VD22181EE-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD22181EG FUJITSU-MB84VD22181EG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22181EG-90 FUJITSU-MB84VD22181EG-90 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22181EG-90-PBS FUJITSU-MB84VD22181EG-90-PBS Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22181EH FUJITSU-MB84VD22181EH Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD22181EH-90 FUJITSU-MB84VD22181EH-90 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
More results

Similar Description - MB84VD22181EE-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
SPANSION
MB84VD22184FM-70 SPANSION-MB84VD22184FM-70 Datasheet
671Kb / 46P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
SPANSION
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VA2106 FUJITSU-MB84VA2106 Datasheet
423Kb / 29P
   16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com