Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28715 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28715
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28715 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28715 Datasheet HTML 2Page - Texas Instruments UCC28715 Datasheet HTML 3Page - Texas Instruments UCC28715 Datasheet HTML 4Page - Texas Instruments UCC28715 Datasheet HTML 5Page - Texas Instruments UCC28715 Datasheet HTML 6Page - Texas Instruments UCC28715 Datasheet HTML 7Page - Texas Instruments UCC28715 Datasheet HTML 8Page - Texas Instruments UCC28715 Datasheet HTML 9Page - Texas Instruments UCC28715 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
DRV
25 mA
S
Q
Q
R
CS
+
VS
SAMPLER
+
E/A
4.05 V + VCVS
CBC
VDD
POWER
& FAULT
MANAGEMENT
UVLO
21 V / 8 V
VALLEY
SWITCHING
CONTROL
LAW
LEB
1 / fSW
VCST
SECONDARY
TIMING
DETECT
CURRENT
REGULATION
VCST
200 kΩ
VDD
LINE
SENSE
+
ICBC
0 V-VCVS(max)
GND
CABLE
COMPENSATION
VCVS = ICBC x 3 kΩ
+
VOVP
OV FAULT
OV FAULT
TSD/SD FAULT
IVSLS
+
10 kΩ
LINE
FAULT
LINE FAULT
14 V
2.2 V / 0.80 V
+
VNTCTH
NTC
INTC
TSD/SD
FAULT
UCC28710/14/15
UCC28711 /12/13
+
1.5 V
OC FAULT
OC FAULT
IVSLS / KLC
IVSLS
28 kΩ
5 V
5 V
HV
IHV
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
SLUSB86 – NOVEMBER 2012
www.ti.com
DEVICE INFORMATION
Functional Block Diagram
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715


Similar Part No. - UCC28715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28715 TI-UCC28715 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28715 TI1-UCC28715 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
More results

Similar Description - UCC28715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com