Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3756-2 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3756-2
Description  60V 4-Switch Synchronous Buck-Boost Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3756-2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3756-2 Datasheet HTML 7Page - Linear Technology LT3756-2 Datasheet HTML 8Page - Linear Technology LT3756-2 Datasheet HTML 9Page - Linear Technology LT3756-2 Datasheet HTML 10Page - Linear Technology LT3756-2 Datasheet HTML 11Page - Linear Technology LT3756-2 Datasheet HTML 12Page - Linear Technology LT3756-2 Datasheet HTML 13Page - Linear Technology LT3756-2 Datasheet HTML 14Page - Linear Technology LT3756-2 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT3791-1
11
37911fa
For more information www.linear.com/LT3791-1
block DiagraM
0.2V
1.15V
0.4V
FB
+
A18
+
A9
3V
+
+
+
+
A8
A6
A5
1.75V
1.4µA
VC
OVLO
37911 BD
38
36
SS
2
PWMOUT
PWM
A17
INTVCC
31
SGND
30, 39
C/10
4
3
+
+
+
A12
1.2V
14µA
3µA
SHDN_INT
VREF
A11
A10
A16
A15
ISMON_INT
IVINMON_INT
CTRL
1
FB
37
SNSN
28
SNSP
27
BST2
22
TG2
SW2
INTVCC
INTVCC
21
SHORT
5
Q
SS RESET
SS LATCH
R
S
24
A13
SW1
16
TG1
BST1
15
14
BG2
19
A14
BG1
PWM
18
PGND
17
BUCK
LOGIC
+
A7
+
A3
+
A4
SS LATCH
SS_RESET
SHDN_INT
OSC
SLOPE_COMP_BOOST
SLOPE_COMP_BUCK
1.2V
EN/UVLO
9
IVINMON
8
ISMON
ISMON_INT
7
ISP
25
ISN
26
RT
35
CCM
32
SYNC
34
CLKOUT
33
A2
IVINMON_INT
IVINP
IVINN
10
11
VIN
SHDN_INT
12
VREF
6
INTVCC
13
A1
BOOST
LOGIC
REGS
A = 10
A = 10 A = 20
A = 24
TSD


Similar Part No. - LT3756-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756-2 LINER-LT3756-2 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Analog Devices
LT3756-2 AD-LT3756-2 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3756-2 AD-LT3756-2 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
LT3756-2 AD-LT3756-2 Datasheet
2Mb / 30P
   60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. 0
LT3756-2 AD-LT3756-2 Datasheet
4Mb / 31P
   60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. A
More results

Similar Description - LT3756-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
   60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
logo
Linear Technology
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
   60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT8392 AD-LT8392 Datasheet
2Mb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. 0
logo
Linear Technology
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
   60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
   60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com