Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28713 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28713
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28713 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28713 Datasheet HTML 1Page - Texas Instruments UCC28713 Datasheet HTML 2Page - Texas Instruments UCC28713 Datasheet HTML 3Page - Texas Instruments UCC28713 Datasheet HTML 4Page - Texas Instruments UCC28713 Datasheet HTML 5Page - Texas Instruments UCC28713 Datasheet HTML 6Page - Texas Instruments UCC28713 Datasheet HTML 7Page - Texas Instruments UCC28713 Datasheet HTML 8Page - Texas Instruments UCC28713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
VDD
VS
UCC28710
CBC
GND
HV
DRV
CS
VOUT
VAC
VAUX
UDG-12200
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
www.ti.com
SLUSB86 – NOVEMBER 2012
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Check for Samples: UCC28710, UCC28711, UCC28712, UCC28713, UCC28714, UCC28715
1
FEATURES
APPLICATIONS
< 10-mW No-Load Power
USB-Compliant Adapters and Chargers for
Consumer Electronics
Primary-Side Regulation (PSR) Eliminates
Opto-Coupler
Smart phones
±5% Voltage and Current Regulation Across
Tablet computers
Line and Load
Cameras
700-V Start-Up Switch
Standby Supply for TV and Desktop
100-kHz Maximum Switching Frequency
White Goods
Enables High-Power Density Charger Designs
Quasi-Resonant Valley-Switching Operation
DESCRIPTION
for Highest Overall Efficiency
The UCC28710 family of flyback power supply
controllers provides isolated-output Constant-Voltage
Frequency Jitter to Ease EMI Compliance
(CV) and Constant-Current (CC) output regulation
Wide VDD Range Allows Small Bias Capacitor
without the use of an optical coupler. The devices
Clamped Gate-Drive Output for MOSFET
process information from the primary power switch
and an auxiliary flyback winding for precise control of
Overvoltage, Low-Line, and Overcurrent
output voltage and current.
Protection Functions
Programmable Cable Compensation
An
internal
700-V
start-up
switch,
dynamically-
controlled operating states and a tailored modulation
(UCC28710, UCC28714 and UCC28715)
profile
support
ultra-low
standby
power
without
NTC Resistor Interface (UCC28711, UCC28712
sacrificing start-up time or output transient response.
and UCC28713) with Fixed Cable
Compensation Options
Control algorithms in the UCC28710 family allow
operating efficiencies to meet or exceed applicable
SOIC-7 Package
standards. The output drive interfaces to a MOSFET
power switch. Discontinuous conduction mode (DCM)
SIMPLIFIED APPLICATION
with
valley
switching
reduces
switching
losses.
Modulation
of
switching
frequency
and
primary
current peak amplitude (FM and AM) keeps the
conversion efficiency high across the entire load and
line ranges.
The controllers have a maximum switching frequency
of 100 kHz and always maintain control of the peak-
primary current in the transformer. Protection features
help
keep
primary
and
secondary
component
stresses in check. The UCC28710, UCC28714 and
UCC28715 allow the cable compensation to be
programmed.
The
UCC28711,
UCC28712
and
UCC28713
devices
allow
remote
temperature
sensing using a negative temperature coefficient
(NTC)
resistor
while
providing
fixed
cable-
compensation levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC28713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28713 TI-UCC28713 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28713 TI1-UCC28713 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28713D TI1-UCC28713D Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28713DR TI1-UCC28713DR Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
More results

Similar Description - UCC28713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com