Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3756-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3756-1
Description  60V 4-Switch Synchronous Buck-Boost Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3756-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3756-1 Datasheet HTML 6Page - Linear Technology LT3756-1 Datasheet HTML 7Page - Linear Technology LT3756-1 Datasheet HTML 8Page - Linear Technology LT3756-1 Datasheet HTML 9Page - Linear Technology LT3756-1 Datasheet HTML 10Page - Linear Technology LT3756-1 Datasheet HTML 11Page - Linear Technology LT3756-1 Datasheet HTML 12Page - Linear Technology LT3756-1 Datasheet HTML 13Page - Linear Technology LT3756-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT3791-1
10
37911fa
For more information www.linear.com/LT3791-1
pin FuncTions
BST2 (Pin 22): Bootstrapped Driver Supply. The BST2 pin
swings from a diode voltage below INTVCC up to a diode
voltage below VOUT + INTVCC.
NC (Pin 23): No Connect Pin. Leave this pin floating.
TG2 (Pin 24): Top Gate Drive. Drives the top N-channel
MOSFET with a voltage equal to INTVCC superimposed on
the switch node voltage SW2.
ISP (Pin 25): Connection Point for the Positive Terminal
of the Output Current Feedback Resistor.
ISN (Pin 26): Connection Point for the Negative Terminal
of the Output Current Feedback Resistor.
SNSP (Pin 27): The Positive Input to the Current Sense
Comparator. The VC pin voltage and controlled offsets
between the SNSP and SNSN pins, in conjunction with a
resistor, set the current trip threshold.
SNSN (Pin 28): The Negative Input to the Current Sense
Comparator.
TEST1 (Pin 29): This pin is used for testing purposes only
and must be connected to SGND for the part to operate
properly.
SGND (Pin 30, Exposed Pad Pin 39): Signal Ground.
All small-signal components and compensation should
connect to this ground, which should be connected to
PGND at a single point. Solder the exposed pad directly
to the ground plane.
PWMOUT (Pin 31): Buffered Version of PWM Signal for
Driving Output Load Disconnect N-Channel MOSFET. The
PWMOUT pin is driven from INTVCC. Use of a MOSFET
with a gate cutoff voltage higher than 1V is recommended.
CCM (Pin 32): Continuous Conduction Mode Pin. When
the pin voltage is higher than 1.5V, the part runs in fixed
frequency forced continuous conduction mode and al-
lows the inductor current to flow negative. When the pin
voltage is less than 0.3V, the part runs in discontinuous
conduction mode and does not allow the inductor current
to flow backward. This pin is only meant to block inductor
reverse current, and should only be pulled low when the
output current is low. This pin must be either connected to
INTVCC (pin 13) for continuous conduction mode across
all loads, or it must be connected to the C/10 (pin 4) with
a pull-up resistor to INTVCC for continuous conduction
mode at heavy load and for discontinuous conduction
mode at light load.
CLKOUT (Pin 33): Clock Output Pin. A 180° out-of-phase
clockisprovidedattheoscillatorfrequencytoallowforpar-
alleling two devices for extending output power capability.
SYNC (Pin 34): External Synchronization Input Pin. This
pin is internally terminated to GND with a 90k resistor.
The internal buck clock is synchronized to the rising edge
of the SYNC signal while the internal boost clock is 180°
phase shifted.
RT (Pin 35): Frequency Set Pin. Place a resistor to GND
to set the internal frequency. The range of oscillation is
200kHz to 700kHz.
VC(Pin36):CurrentControlThresholdandErrorAmplifier
Compensation Point. The current comparator threshold
increases with this control voltage. The voltage ranges
from 0.7V to 1.9V.
FB (Pin 37): Voltage Loop Feedback Pin. FB is intended for
constant-voltageregulation.Theinternaltransconductance
amplifier with output VC will regulate FB to 1.2V (typical)
through the DC/DC converter. If the FB input is regulat-
ing the loop and V(ISP-ISN) < 10mV, the C/10 pull-down
is asserted. If the FB pin is less than 400mV, the SHORT
pull-down is asserted.
OVLO (Pin 38): Overvoltage Input Pin. This pin is used for
OVLO, if OVLO > 3V then SS is pulled low, the part stops
switching and resets. Do not leave this pin open.


Similar Part No. - LT3756-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756-1 LINER-LT3756-1 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3756-1 LINER-LT3756-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Analog Devices
LT3756-1 AD-LT3756-1 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3756-1 AD-LT3756-1 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
LT3756-1 AD-LT3756-1 Datasheet
2Mb / 30P
   60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. 0
More results

Similar Description - LT3756-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
   60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
logo
Linear Technology
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
   60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT8392 AD-LT8392 Datasheet
2Mb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. 0
logo
Linear Technology
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
   60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
   60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com