Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28710 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28710
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28710 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28710 Datasheet HTML 3Page - Texas Instruments UCC28710 Datasheet HTML 4Page - Texas Instruments UCC28710 Datasheet HTML 5Page - Texas Instruments UCC28710 Datasheet HTML 6Page - Texas Instruments UCC28710 Datasheet HTML 7Page - Texas Instruments UCC28710 Datasheet HTML 8Page - Texas Instruments UCC28710 Datasheet HTML 9Page - Texas Instruments UCC28710 Datasheet HTML 10Page - Texas Instruments UCC28710 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
VDD
VS
CBC
GND
HV
DRV
CS
1
2
3
4
7
6
5
UCC28710
UCC28714
UCC28715
VDD
VS
NTC
GND
HV
DRV
CS
1
2
3
4
7
6
5
UCC28711
UCC28712
UCC28713
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
www.ti.com
SLUSB86 – NOVEMBER 2012
SOIC (D) PACKAGE
7 PINS
(TOP VIEW)
PIN FUNCTIONS
UCC28710
UCC28711
NAME
UCC28714
UCC28712
I/O
DESCRIPTION
UCC28715
UCC28713
Cable compensation is a programming pin for compensation of cable voltage drop.
CBC
3
I
Cable compensation is programmed with a resistor to GND.
Current sense input connects to a ground-referenced current-sense resistor in series
with the power switch. The resulting voltage is used to monitor and control the peak
CS
5
5
I
primary current. A series resistor can be added to this pin to compensate the peak
switch current levels as the AC-mains input varies.
Drive is an output used to drive the gate of an external high voltage MOSFET
DRV
6
6
O
switching transistor.
The ground pin is both the reference pin for the controller and the low-side return for
the drive output. Special care should be taken to return all AC decoupling capacitors
GND
4
4
as close as possible to this pin and avoid any common trace length with analog signal
return paths.
The high-voltage pin connects directly to the rectified bulk voltage and provides
HV
7
7
I
charge to the VDD capacitor for start-up of the power supply.
NTC an interface to an external negative temperature coefficient resistor for remote
NTC
3
I
temperature sensing. Pulling this pin low shuts down PWM action.
VDD is the bias supply input pin to the controller. A carefully-placed bypass capacitor
VDD
1
1
I
to GND is required on this pin.
Voltage sense is an input used to provide voltage and timing feedback to the
controller. This pin is connected to a voltage divider between an auxiliary winding and
VS
2
2
I
GND. The value of the upper resistor of this divider is used to program the AC-mains
run and stop thresholds and line compensation at the CS pin.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715


Similar Part No. - UCC28710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28710D TI-UCC28710D Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710D TI1-UCC28710D Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28710DR TI-UCC28710DR Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com