Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB86612PBT Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB86612PBT
Description  IEEE 1394 Bus Controller (for MPEG, DVC)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86612PBT Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB86612PBT Datasheet HTML 1Page - Fujitsu Component Limited. MB86612PBT Datasheet HTML 2Page - Fujitsu Component Limited. MB86612PBT Datasheet HTML 3Page - Fujitsu Component Limited. MB86612PBT Datasheet HTML 4Page - Fujitsu Component Limited. MB86612PBT Datasheet HTML 5Page - Fujitsu Component Limited. MB86612PBT Datasheet HTML 6Page - Fujitsu Component Limited. MB86612PBT Datasheet HTML 7Page - Fujitsu Component Limited. MB86612PBT Datasheet HTML 8Page - Fujitsu Component Limited. MB86612PBT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS04-22001-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP Communication Control
IEEE 1394 Bus Controller
(for MPEG, DVC)
MB86612
s DESCRIPTION
The MB86612 is 1394 serial bus controller exclusively for MPEG and DVC data transfer, compatible with the
IEEE 1394 “FireWire” standard (IEEE Standard 1394-1995). Two built-in ports plus a differential transceiver and
comparator are provided to enable formation of networks in a 1394 cable environment. The MB86612 supports
s100 data transfer speeds.
By integrating the physical layer and link layer on one chip, The MB86612 is designed to reduce mounting area
as well as power consumption.
The MB86612 has an exclusive data port for isochronous transfer, provides automatic packetizing and separation
of header and data units, and is optimized for continuity of transfer processing.
The MB86612 supports MPEG and DVC AV/C protocols, and includes the necessary built-in automatic
operations and CSR’s for providing the necessary operations for MPEG and DVC data transfer.
s FEATURES
• Compatible with IEEE 1394 high-performance serial bus standards
• Physical layer and link layer integrated on one chip
• 2 cable ports
• Supports s100 transfer speed (98.304 Mbit/sec)
• 3.3V single power supply operation
• Built-in PLL (for crystal oscillator) for internal clock signal generation
• Power saving modes
1) Forced sleep mode at instruction from MPU
2) Automatic sleep mode for non-connected ports
• Header and data units automatically separated at receiving and automatic packetizing for sending
• Supports cycle master functions
(Continued)
s PACKAGES
100-pin plastic LQFP
(FPT-100P-M05)
120-pin plastic FBGA
(BGA-120P-M01)


Similar Part No. - MB86612PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86613 FUJITSU-MB86613 Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
MB86613PBT FUJITSU-MB86613PBT Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
MB86613PFV FUJITSU-MB86613PFV Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
MB86613S FUJITSU-MB86613S Datasheet
758Kb / 134P
   IEEE1394 Open HCI Controller
MB86615 FUJITSU-MB86615 Datasheet
633Kb / 48P
   IEEE 1394 Bus Controller (for DVC)
More results

Similar Description - MB86612PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86615 FUJITSU-MB86615 Datasheet
633Kb / 48P
   IEEE 1394 Bus Controller (for DVC)
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
   IEEE 1394 Serial Bus Controller for DTV
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
Fujitsu Component Limit...
MB86613 FUJITSU-MB86613 Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
logo
List of Unclassifed Man...
HSB-ARA62-SN15A ETC-HSB-ARA62-SN15A Datasheet
1Mb / 7P
   For IEEE-1394 High Performance Serial Bus Connectors
logo
Texas Instruments
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com