Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80113 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL80113
Description  Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80113 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL80113 Datasheet HTML 1Page - Intersil Corporation ISL80113 Datasheet HTML 2Page - Intersil Corporation ISL80113 Datasheet HTML 3Page - Intersil Corporation ISL80113 Datasheet HTML 4Page - Intersil Corporation ISL80113 Datasheet HTML 5Page - Intersil Corporation ISL80113 Datasheet HTML 6Page - Intersil Corporation ISL80113 Datasheet HTML 7Page - Intersil Corporation ISL80113 Datasheet HTML 8Page - Intersil Corporation ISL80113 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS
LDOs
ISL80111, ISL80112, ISL80113
The ISL80111, ISL80112, and ISL80113 are ultra low dropout
LDOs providing the optimum balance between performance, size
and power consumption in size constrained designs for data
communication, computing, storage and medical applications.
These LDOs are specified for 1A, 2A and 3A of output current and
are optimized for low voltage conversions.Operating with a VIN of
1V to 3.6V and with a legacy 3.3V to 5V on the BIAS, the VOUT is
adjustable from 0.8V to 3.3V. With a VIN PSRR greater than 40dB
at 100kHz makes these LDOs an ideal choice in noise sensitive
applications. The guaranteed ±1.6% VOUT accuracy overall
conditions lends these parts to suppling an accurate voltage to
the latest low voltage digital ICs.
An enable input allows the part to be placed into a low quiescent
current shutdown mode. A submicron CMOS process is utilized for
this product family to deliver best-in-class analog performance
and overall value for applications in need of input voltage
conversions typically below 2.5V. It also has the superior load
transient regulation unique to a NMOS power stage. These LDOs
consume significantly lower quiescent current as a function of
load compared to bipolar LDOs.
Features
• Ultra low dropout: 75mV at 3A, (typ)
• Excellent VIN PSRR: 70dB at 1kHz (typ)
• ±1.6% guaranteed VOUT accuracy for -40ºC < TJ < +125ºC
• Very fast load transient response
• Extensive protection and reporting features
•VIN range: 1V to 3.6V, VOUT range: 0.8V to 3.3V
• Small 10 Ld 3x3 DFN package
Applications
• Noise-sensitive instrumentation and medical systems
• Data acquisition and data communication systems
• Storage, telecommunications and server equipment
• Low voltage DSP, FPGA and ASIC core power supplies
• Post-regulation of switched mode power supplies
FIGURE 1. TYPICAL APPLICATION SCHEMATIC
FIGURE 2. DROPOUT VOLTAGE OVER-TEMP AND IOUT
FIGURE 3. VIN PSRR vs LOAD CURRENT (ISL80113)
FIGURE 4.
ΔVADJ vs TEMPERATURE
VIN
9
VIN
10
ENABLE
7
VBIAS
4
GND
1.2V ±5%
CIN
10µF
VIN
CBIAS
5
PG
6
VOUT
1
VOUT 2
VOUT
1.0V
COUT
10µF
ADJ 3
PGOOD
R4
1.0kΩ
R3
1.0kΩ
EN
OPEN DRAIN COMPATIBLE
3.3V ±10%
VBIAS
1µF
ISL80111, ISL80112, ISL80113
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
90
100
-40
25
85
125
3A
2A
1A
0
20
40
60
80
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
IOUT = 2A
IOUT = 3A
IOUT = 0A
IOUT = 1A
BIAS = 5V
VOUT = 2.5V
VIN = 3.3V
COUT = 10µF
0.985
0.990
0.995
1.000
1.005
1.010
1.015
-40
0
25
85
125
TEMPERATURE (°C)
November 1, 2013
FN7841.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2012, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL80113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80113 RENESAS-ISL80113 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80113 INTERSIL-ISL80113 Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80113EVAL1Z INTERSIL-ISL80113EVAL1Z Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Renesas Technology Corp
ISL80113EVAL1Z RENESAS-ISL80113EVAL1Z Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80113IRAJZ INTERSIL-ISL80113IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
More results

Similar Description - ISL80113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT2516 RICHTEK-RT2516 Datasheet
258Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com