Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD21194-85-PBS Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB84VD21194-85-PBS
Description  16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VD21194-85-PBS Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB84VD21194-85-PBS Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD21194-85-PBS Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD21194-85-PBS Datasheet HTML 9Page - Fujitsu Component Limited. MB84VD21194-85-PBS Datasheet HTML 10Page - Fujitsu Component Limited. MB84VD21194-85-PBS Datasheet HTML 11Page - Fujitsu Component Limited. MB84VD21194-85-PBS Datasheet HTML 12Page - Fujitsu Component Limited. MB84VD21194-85-PBS Datasheet HTML 13Page - Fujitsu Component Limited. MB84VD21194-85-PBS Datasheet HTML 14Page - Fujitsu Component Limited. MB84VD21194-85-PBS Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
MB84VD2118XA-85/MB84VD2119XA-85
11
• Eight 4 K words, and thirty one 32 K words.
• Individual-sector, multiple-sector, or bulk-erase capability.
MB84VD2119XA Sector Architecture (Bottom Boot Block)
SA38 :
64KB (32KW)
SA37 :
64KB (32KW)
SA36 :
64KB (32KW)
SA35 :
64KB (32KW)
SA34 :
64KB (32KW)
SA33 :
64KB (32KW)
SA32 :
64KB (32KW)
SA31 :
64KB (32KW)
SA30 :
64KB (32KW)
SA29 :
64KB (32KW)
SA28 :
64KB (32KW)
SA27 :
64KB (32KW)
SA26 :
64KB (32KW)
SA25 :
64KB (32KW)
SA24 :
64KB (32KW)
SA23 :
64KB (32KW)
SA22 :
64KB (32KW)
SA21 :
64KB (32KW)
SA20 :
64KB (32KW)
SA19 :
64KB (32KW)
SA18 :
64KB (32KW)
SA17 :
64KB (32KW)
SA16 :
64KB (32KW)
SA15 :
64KB (32KW)
SA14 :
64KB (32KW)
SA13 :
64KB (32KW)
SA12 :
64KB (32KW)
SA11 :
64KB (32KW)
SA10 :
64KB (32KW)
SA9 :
64KB (32KW)
SA8 :
64KB (32KW)
SA7 :
8KB
(4KW)
SA6 :
8KB
(4KW)
SA5 :
8KB
(4KW)
SA4 :
8KB
(4KW)
SA3 :
8KB
(4KW)
SA2 :
8KB
(4KW)
SA1 :
8KB
(4KW)
SA0 :
8KB
(4KW)
Word mode Byte mode
0FFFFFH
1FFFFFH
0F8000H
1F0000H
0F0000H
1E0000H
0E8000H
1D0000H
0E0000H
1C0000H
0D8000H
1B0000H
0D0000H
1A0000H
0C8000H
190000H
0C0000H
180000H
0B8000H
170000H
0B0000H
160000H
0A8000H
150000H
0A0000H
140000H
098000H
130000H
090000H
120000H
088000H
110000H
080000H
100000H
078000H
0F0000H
070000H
0E0000H
068000H
0D0000H
060000H
0C0000H
058000H
0B0000H
050000H
0A0000H
048000H
090000H
040000H
080000H
038000H
070000H
030000H
060000H
028000H
050000H
020000H
040000H
018000H
030000H
010000H
020000H
008000H
010000H
007000H
00E000H
006000H
00C000H
005000H
00A000H
004000H
008000H
003000H
006000H
002000H
004000H
001000H
002000H
000000H
000000H
Bank 2
MB84VD21194A
Bank 2
MB84VD21193A
Bank 2
MB84VD21192A
Bank 2
MB84VD21191A
Bank 1
MB84VD21194A
Bank 1
MB84VD21193A
Bank 1
MB84VD21192A
Bank 1
MB84VD21191A


Similar Part No. - MB84VD21194-85-PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD21194EM-70PBS SPANSION-MB84VD21194EM-70PBS Datasheet
872Kb / 52P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
More results

Similar Description - MB84VD21194-85-PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2100 FUJITSU-MB84VA2100 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD2002 FUJITSU-MB84VD2002 Datasheet
423Kb / 30P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2006 FUJITSU-MB84VA2006 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com