Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6721ABZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6721ABZ-T
Description  Flexible Single-ended Current Mode PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721ABZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6721ABZ-T Datasheet HTML 1Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 2Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 3Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 4Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 5Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 6Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 7Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 8Page - Intersil Corporation ISL6721ABZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
FN9110.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2005, 2007, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL6721
Flexible Single-ended Current Mode PWM
Controller
The ISL6721 is a low power, single-ended pulse width
modulating (PWM) current mode controller designed for a
wide range of DC/DC conversion applications including
boost, flyback, and isolated output configurations. Peak
current mode control effectively handles power transients
and provides inherent overcurrent protection. Other features
include a low power mode where the supply current drops to
less than 200µA during overvoltage and overcurrent
shutdown faults.
This advanced BiCMOS design features low operating
current, adjustable operating frequency up to 1MHz,
adjustable soft-start, and a bi-directional SYNC signal that
allows the oscillator to be locked to an external clock for
noise sensitive applications.
Features
• 1A MOSFET Gate Driver
• 100µA Startup Current
• Fast Transient Response with Peak Current Mode Control
• Adjustable Switching Frequency up to 1MHz
• Bi-directional Synchronization
• Low Power Disable Mode
• Delayed Restart from OV and OC Shutdown Faults
• Adjustable Slope Compensation
• Adjustable Soft-start
• Adjustable Overcurrent Shutdown Delay
• Adjustable UV and OV Monitors
• Leading Edge Blanking
• Integrated Thermal Shutdown
• 1% Tolerance Voltage Reference
• Pb-Free Available (RoHS Compliant)
Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• Isolated Buck and Flyback Regulators
• Boost Regulators
Pinout
ISL6721
(16 LD SOIC, TSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6721AB*
ISL6721AB
-40 to +105 16 Ld SOIC
(150 mil)
M16.15
ISL6721ABZ*
(Note)
6721ABZ
-40 to +105 16 Ld SOIC
(150 mil)
(Pb-Free)
M16.15
ISL6721AV*
ISL67 21AV
-40 to +105 16 Ld TSSOP
(4.4mm)
M16.173
ISL6721AVZ*
(Note)
ISL67 21AVZ -40 to +105 16 Ld TSSOP
(4.4mm)
(Pb-free)
M16.173
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
GATE
ISENSE
SYNC
SLOPE
UV
OV
RTCT
VC
PGND
VCC
VREF
LGND
SS
COMP
1
2
3
4
5
6
7
16
15
14
13
12
11
10
8
9
ISET
FB
Data Sheet
March 5, 2008


Similar Part No. - ISL6721ABZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
logo
Renesas Technology Corp
ISL6721ABZ RENESAS-ISL6721ABZ Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL6721ABZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com