Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB86604 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB86604
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86604 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB86604 Datasheet HTML 1Page - Fujitsu Component Limited. MB86604 Datasheet HTML 2Page - Fujitsu Component Limited. MB86604 Datasheet HTML 3Page - Fujitsu Component Limited. MB86604 Datasheet HTML 4Page - Fujitsu Component Limited. MB86604 Datasheet HTML 5Page - Fujitsu Component Limited. MB86604 Datasheet HTML 6Page - Fujitsu Component Limited. MB86604 Datasheet HTML 7Page - Fujitsu Component Limited. MB86604 Datasheet HTML 8Page - Fujitsu Component Limited. MB86604 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
MB86604L
Note: The SCSI interface input/output pins can be connected to a single-end type SCSI bus.
2.
MPU Interface
(Continued)
Phase name
MSG
C/D
I/O
Transfer direction
Initiator
Target
Data-out phase
H
H
H
Data-in phase
H
H
L
Command phase
H
L
H
Status phase
H
L
L
Message-out phase
L
L
H
Message-in phase
L
L
L
Pin
number
Symbol*
Pin name
I/O
Function
77
CS0
Chip select 0
I
This is a chip select 0 pin used by MPU to select the SPC as an
I/O device. This is an active-low pin.
80
CS1
Chip select 1
I
This is a chip select 1 pin to select when MPU inputs/outputs the
data on DMA bus through SPC. This is an active-low pin.
98, 97, 96,
95, 94, 93,
92, 91
D15
to
D8
Data 15
to
data 8
I/O
These pins are for the upper byte and parity bit of MPU data bus.
When the CS0 input is valid, these pins serve as I/O ports for the
SPC internal registers. When the CS1 input is valid, these pins
serve as I/O ports for the DMA bus data.
99
UDP
Upper data
parity
89, 88, 87,
86, 85, 84,
83, 82
D7
to
D0
Data 7
to
data 0
I/O
These pins are for the lower byte and parity bit of the MPU data
bus. When the CS0 input is valid, these pins serve as I/O ports
for the SPC internal registers. When the CS1 input is valid, these
pins serve as I/O ports for the DMA bus data.
81
LDP
Lower data
parity
76, 75, 74,
73, 72
A4
to
A0
Address 4
to
address 0
I
These are address input pins to select the SPC internal
registers.
2RD
(R/W)
Read
(read/write)
I
In the 80-series mode, this is a read signal input pin (IORD or
RD) that MPU reads the SPC. This read signal pin is an active-
low. In the 68-series mode, this pin functions as the control
signal input (R/W) to control the read/write operation to the SPC.
In the read operation, this pin is an active-high. In the write
operation, this pin is an active-low.
1WR
(LDS)
Write
(lower data
strobe)
I
In the 80-series mode, this pin is a write signal input pin (IOWR
or WR) that MPU writes to the SPC. This write signal input pin is
active-low. In the 68-series mode, this pin function as the lower
data strobe signal input (LDS) that MPU outputs when the lower
byte of data bus is valid. The LDS pin is an active-low.


Similar Part No. - MB86604

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
   FAST-20 SCSI Protocol Controller
MB86606APMT2 FUJITSU-MB86606APMT2 Datasheet
605Kb / 64P
   FAST-20 SCSI Protocol Controller
More results

Similar Description - MB86604

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
   SCSI 1 Protocol Controller
logo
Fujitsu Component Limit...
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
   FAST-20 SCSI Protocol Controller
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
   SCSI (Small Computer System Interface) Protocol Controller
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
logo
List of Unclassifed Man...
WD33C95A ETC1-WD33C95A Datasheet
776Kb / 11P
   Single Chip VLSI SCSI bus controller
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com