Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB86434 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB86434
Description  5V Single Power Supply Audio Interface Unit (AIU)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86434 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB86434 Datasheet HTML 1Page - Fujitsu Component Limited. MB86434 Datasheet HTML 2Page - Fujitsu Component Limited. MB86434 Datasheet HTML 3Page - Fujitsu Component Limited. MB86434 Datasheet HTML 4Page - Fujitsu Component Limited. MB86434 Datasheet HTML 5Page - Fujitsu Component Limited. MB86434 Datasheet HTML 6Page - Fujitsu Component Limited. MB86434 Datasheet HTML 7Page - Fujitsu Component Limited. MB86434 Datasheet HTML 8Page - Fujitsu Component Limited. MB86434 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MB86434
4
(Continued)
Pin No.
Symbol
I/O
A/D
Description
20
LO0
O
D
External control latch output pin. Outputs value D0 of address 1000. CMOS
interface.
21
LO1
O
D
External control latch output pin. Outputs value D1 of address 1000. CMOS
interface.
22
LO2
O
D
External control latch output pin. Outputs value D2 of address 1000. CMOS
interface.
23
LO3
O
D
External control latch output pin. Outputs value D3 of address 1000. CMOS
interface.
24
TCLK
I
D
Tone generator clock input pin. Can be used as a tone CLK signal by using
address 1110 D4D3 to subdivide the internal clock signal by factors of 1/1,
1/2, 1/4. CMOS interface.
25
TONC
I
D
Tone generator cycle control input pin. CMOS interface. Hlevel signal
outputs tone.
26
LED
O
D
Ring LED control output pin. CMOS interface.
27
TENV
I
A
Can be used to generate tone envelope, by placing capacitor between
grounds and turning SW11 on/off.
28
SWO
I/O
A
Analog switch 10 input/output pin. Controls address 0111 D0.
29
SWI
I/O
A
Analog switch 10 input/output pin.
30
DSDT
I
A
Accessory input. Can be connected to RAUD by switching paths.
31
TONEO
O
A
Tone signal output pin.
32
RAUD
O
A
Output pin for external speaker, or audio test signal. Can be connected to
DSDT by switching paths.
33
VDDSP1
P
A
Speaker amp power supply pin. To be set within range 4.75 to 5.25 V.
34
JEAR
O
A
Earphone speaker amp output pin. Capable of 5 mW output at 32
Ω load.
35
XEAR
O
A
Receiver speaker amp output pin. Internally connected to EAR and BTL.
Maximum output of 10 mW can be obtained at 32 W load by connecting
speaker between EAR and XEAR.
36
EAR
O
A
Receiver speaker amp output pin. Connected to XEAR and BTL.
37
SPG1
G
A
Speaker amp ground pin. To be set to 0 V.
38
SPG2
G
A
Speaker amp ground pin. To be set to 0 V.
39
XTONE
O
A
Speaker amp tone output pin. Internally connected to TONE and BLT.
Maximum output of 10 mW can be obtained at 32
Ω load by connecting
speaker between TONE and XTONE.
40
TONE
O
A
Speaker amp tone output pin. When speaker amp is not used for tone,
TONE should be shorted to IMTON.
41
IMTON
I
A
Speaker drive inverted (–) signal input pin. Can be used to adjust gain by
connecting resistance to TONE and IMTON.
42
VDDSP2
P
A
Speaker amp power supply pin. To be set within range 4.75 to 5.25 V.


Similar Part No. - MB86434

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86435 FUJITSU-MB86435 Datasheet
610Kb / 36P
   3 V Single Power Supply Audio Interface Unit (AIU)
MB86435PFV FUJITSU-MB86435PFV Datasheet
610Kb / 36P
   3 V Single Power Supply Audio Interface Unit (AIU)
MB86437 FUJITSU-MB86437 Datasheet
660Kb / 35P
   3 V Single Power Supply Audio Interface Unit (AIU)
MB86437PFV FUJITSU-MB86437PFV Datasheet
660Kb / 35P
   3 V Single Power Supply Audio Interface Unit (AIU)
More results

Similar Description - MB86434

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86435 FUJITSU-MB86435 Datasheet
610Kb / 36P
   3 V Single Power Supply Audio Interface Unit (AIU)
MB86437 FUJITSU-MB86437 Datasheet
660Kb / 35P
   3 V Single Power Supply Audio Interface Unit (AIU)
logo
Panasonic Semiconductor
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
   5V single power supply (regulator)
logo
RF Micro Devices
RFCA1008 RFMD-RFCA1008 Datasheet
935Kb / 23P
   5V Single Supply
logo
Maxim Integrated Produc...
MAX7474EVKIT MAXIM-MAX7474EVKIT Datasheet
129Kb / 6P
   Single 5V DC Power-Supply Operation
Rev 0; 2/08
DS2149 MAXIM-DS2149 Datasheet
578Kb / 32P
   5V T1/J1 Line Interface Unit
REV: 113004
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
   Power supply unit
2019-04-09
103133 PHOENIX-103133 Datasheet
511Kb / 20P
   Power supply unit
2016-09-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com