Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB86342B Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB86342B
Description  Dolby Digital (AC-3) Decoder LSI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86342B Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB86342B Datasheet HTML 4Page - Fujitsu Component Limited. MB86342B Datasheet HTML 5Page - Fujitsu Component Limited. MB86342B Datasheet HTML 6Page - Fujitsu Component Limited. MB86342B Datasheet HTML 7Page - Fujitsu Component Limited. MB86342B Datasheet HTML 8Page - Fujitsu Component Limited. MB86342B Datasheet HTML 9Page - Fujitsu Component Limited. MB86342B Datasheet HTML 10Page - Fujitsu Component Limited. MB86342B Datasheet HTML 11Page - Fujitsu Component Limited. MB86342B Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
MB86342B
3. AC Characteristics
(1) EXTIN, SCKO, XRST
( VDD = 3.0 to 3.6V, VSS = 0V, Ta = 0 to +70
°C)
* : EXTIN frequency
No.
Characteristics
Min.
Typ.
Max.
Unit
(1)
EXTIN cycle
Tcyc
ns
(2)
EXTIN “H” pulse width
0.4
×Tcyc
ns
(3)
EXTIN “L” pulse width
0.4
×Tcyc
ns
(4)
SCKO delay time
11
ns
(5)
XRST setup time
6
ns
(6)
XRST hold time
3
ns
(7)
XRST “L” pulse width
*
ns
(8)
PLL lock-up time
100
µs
EXTIN
frequency
(MHz)
Tcyc(ns)
Clock mode
Sampling
frequency
PLL
select
CORE
master Clock
(MHz)
XRST “L” pulse
width(ns)
18.432
54.253
Fast mode
48
16/3
98.304
9/8Tcyc=61.035
Slow mode
6
110.592
1Tcyc=54.253
16.9344
59.0514
44.1
101.6064
1Tcyc=59.0514
12.288
81.380
32
8
98.304
3/4Tcyc=61.035
(2)
(3)
(5)
(1) Tcyc
(7)
(6)
(4)
EXTIN
KFSIO(lnput)
XRST
SCKO
KFSIO(Output)
Note: Dotied line represents:
0.7 V DD
0.2 V DD


Similar Part No. - MB86342B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86330 FUJITSU-MB86330 Datasheet
590Kb / 46P
   16-bit Fixed-point DSP
MB86330CR-ES FUJITSU-MB86330CR-ES Datasheet
590Kb / 46P
   16-bit Fixed-point DSP
MB86391 FUJITSU-MB86391 Datasheet
847Kb / 69P
   MPEG2 1chip Audio/Video Encoder
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
   MPEG-2 Single Chip Audio/Video Encoder
More results

Similar Description - MB86342B

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
logo
Mitsubishi Electric Sem...
M65863FP MITSUBISHI-M65863FP Datasheet
459Kb / 36P
   Dolby Digital Decoder
logo
List of Unclassifed Man...
YSS248 ETC-YSS248 Datasheet
1Mb / 12P
   DOLBY AC-3 PRO LOGIC DECODER
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
Princeton Technology Co...
PT8501 PTC-PT8501_10 Datasheet
170Kb / 4P
   Dolby Digital Decoder IC
logo
NXP Semiconductors
NE5241 PHILIPS-NE5241 Datasheet
52Kb / 6P
   Dolby ADM digital audio decoder
March 19, 1992
logo
STMicroelectronics
STI4600 STMICROELECTRONICS-STI4600 Datasheet
2Mb / 52P
   6 CHANNEL DOLBY AC-3 MPEG1/2 AUDIO DECODER
logo
Nippon Precision Circui...
SM5851AF NPC-SM5851AF Datasheet
103Kb / 4P
   DOLBY PROLOGIC DECODER
logo
Sanyo Semicon Device
LV1035M SANYO-LV1035M Datasheet
101Kb / 3P
   Dolby ProLogic Decoder
LV1041M SANYO-LV1041M Datasheet
91Kb / 3P
   Dolby Prologic Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com