Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS131E06 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS131E06
Description  Analog Front-End for Power Monitoring, Control, and Protection
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131E06 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS131E06 Datasheet HTML 6Page - Texas Instruments ADS131E06 Datasheet HTML 7Page - Texas Instruments ADS131E06 Datasheet HTML 8Page - Texas Instruments ADS131E06 Datasheet HTML 9Page - Texas Instruments ADS131E06 Datasheet HTML 10Page - Texas Instruments ADS131E06 Datasheet HTML 11Page - Texas Instruments ADS131E06 Datasheet HTML 12Page - Texas Instruments ADS131E06 Datasheet HTML 13Page - Texas Instruments ADS131E06 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
80
85
90
95
100
105
110
10
100
1000
Frequency (Hz)
G = 1
G = 2
G = 4
G = 8
G = 12
G007
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
−1
−0.8 −0.6 −0.4 −0.2
0
0.2
0.4
0.6
0.8
1
Input (Normalized to Full−Scale)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 12
G008
−130
−125
−120
−115
−110
−105
−100
−95
−90
10
100
1000
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 12
Data Rate = 4 kSPS
AIN = AVDD − 0.3 V to AVSS + 0.3 V
G005
−95
−90
−85
−80
−75
10
100
1000
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 12
G006
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
Input−Referred Noise (µV)
Data Rate = 1 kSPS
Gain = 1
G004
−10
−8
−6
−4
−2
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
9
10
Time (s)
Data Rate = 1 kSPS
Gain = 1
G003
ADS131E04
ADS131E06
ADS131E08
SBAS561B – JUNE 2012 – REVISED DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
All plots are at TA = +25°C, AVDD = 3 V, AVSS = 0 V, DVDD = 1.8 V, internal VREFP = 2.4 V, VREFN = AVSS, external
clock = 2.048 MHz, data rate = 8 kSPS, and gain = 1, unless otherwise noted.
INPUT-REFERRED NOISE
NOISE HISTOGRAM
Figure 3.
Figure 4.
CMRR vs FREQUENCY
THD vs FREQUENCY
Figure 5.
Figure 6.
PSRR vs FREQUENCY
INL vs PGA GAIN
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08


Similar Part No. - ADS131E06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131E06 TI1-ADS131E06 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E06 TI1-ADS131E06 Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E06IPAG TI1-ADS131E06IPAG Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E06IPAG TI1-ADS131E06IPAG Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E06IPAGR TI1-ADS131E06IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results

Similar Description - ADS131E06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131A02 TI1-ADS131A02_16 Datasheet
1Mb / 85P
[Old version datasheet]   2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com