Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR011205U Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DCR011205U
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR011205U Datasheet(HTML) 2 Page - Texas Instruments

  DCR011205U Datasheet HTML 1Page - Texas Instruments DCR011205U Datasheet HTML 2Page - Texas Instruments DCR011205U Datasheet HTML 3Page - Texas Instruments DCR011205U Datasheet HTML 4Page - Texas Instruments DCR011205U Datasheet HTML 5Page - Texas Instruments DCR011205U Datasheet HTML 6Page - Texas Instruments DCR011205U Datasheet HTML 7Page - Texas Instruments DCR011205U Datasheet HTML 8Page - Texas Instruments DCR011205U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DCR01 Series
2
SBVS013C
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DCR010503P
DIP-18
NVE
–40
°C to +85°C
DCR010503P
DCR010503P
Rails, 20
DCR010503U
SO-28
DVB
–40
°C to +85°C
DCR010503U
DCR010503U/1K
Tape and Reel, 1000
DCR010505P
DIP-18
NVE
–40
°C to +85°C
DCR010505P
DCR010505P
Rails, 20
DCR010505U
SO-28
DVB
–40
°C to +85°C
DCR010505U
DCR010505U/1K
Tape and Reel, 1000
DCR011203P
DIP18
NVE
–40
°C to +85°C
DCR011203P
DCR011203P
Rails, 20
DCR011203U
SO-28
DVB
–40
°C to +85°C
DCR011203U
DCR011203U/1K
Tape and Reel, 1000
DCR011205P
DIP-18
NVE
–40
°C to +85°C
DCR011205P
DCR011205P
Rails, 20
DCR011205U
SO-28
DVB
–40
°C to +85°C
DCR011205U
DCR011205U/1K
Tape and Reel, 1000
DCR012403P
DIP-18
NVE
–40
°C to +85°C
DCR012403P
DCR012403P
Rails, 20
DCR012403U
SO-28
DVB
–40
°C to +85°C
DCR012403U
DCR012403U/1K
Tape and Reel, 1000
DCR012405P
DIP-18
NVE
–40
°C to +85°C
DCR012405P
DCR012405P
Rails, 20
DCR012405U
SO-28
DVB
–40
°C to +85°C
DCR012405U
DCR012405U/1K
Tape and Reel, 1000
Input Voltage:
DCR0105 ............................................................................................ 7V
DCR0112 .......................................................................................... 15V
DCR0124 .......................................................................................... 29V
Storage Temperature ...................................................... –60
°C to +125°C
Lead Temperature (soldering, 10s) ................................................. 270
°C
ABSOLUTE MAXIMUM RATINGS
DCR01
Basic Model Number: 1W Product
Voltage Input:
5V In
Voltage Output:
5V Out
Package Code:
P = 18-Pin Plastic DIP, U = 28-Pin SO
ORDERING INFORMATION
05
05
(P)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION


Similar Part No. - DCR011205U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR011205U BURR-BROWN-DCR011205U Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR011205U BURR-BROWN-DCR011205U Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR011205U TI1-DCR011205U Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR011205U/1K BURR-BROWN-DCR011205U/1K Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR011205U/1K TI1-DCR011205U/1K Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DCR011205U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com