Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VB2001 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB84VB2001
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VB2001 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB84VB2001 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VB2001 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VB2001 Datasheet HTML 9Page - Fujitsu Component Limited. MB84VB2001 Datasheet HTML 10Page - Fujitsu Component Limited. MB84VB2001 Datasheet HTML 11Page - Fujitsu Component Limited. MB84VB2001 Datasheet HTML 12Page - Fujitsu Component Limited. MB84VB2001 Datasheet HTML 13Page - Fujitsu Component Limited. MB84VB2001 Datasheet HTML 14Page - Fujitsu Component Limited. MB84VB2001 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
MB84VB2000-10/MB84VB2001-10
s ABSOLUTE MAXIMUM RATINGS
Storage Temperature .................................................................................................. –55°C to +125°C
Ambient Temperature with Power Applied .................................................................. –25°C to +85°C
Voltage with Respect to Ground All pins (Note) .......................................................... –0.3 V to VCC + 0.5 V
VCCf/VCCs Supply (Note) .............................................................................................. –0.3 V to +4.6 V
Note: Minimum DC voltage on input or I/O pins are –0.5 V. During voltage transitions, inputs may negative overshoot
VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on output and I/O pins are VCCf + 0.5 V or VCCs
+ 0.5 V. During voltage transitions, outputs may positive overshoot to VCC + 2.0 V for periods of up to 20 ns.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING RANGES
Commercial Devices
Ambient Temperature (TA) .........................................................................–40°C to +85°C
VCC Supply Voltages ..................................................................................+2.7 V to +3.6 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All
the device’s electrical characteristics are warranted when operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representative beforehand.


Similar Part No. - MB84VB2001

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA20 FUJITSU-MB84VA20 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA20 FUJITSU-MB84VA20 Datasheet
349Kb / 29P
   8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA20 FUJITSU-MB84VA20 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2000-10 FUJITSU-MB84VA2000-10 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
More results

Similar Description - MB84VB2001

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2006 FUJITSU-MB84VA2006 Datasheet
393Kb / 29P
   8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2002 FUJITSU-MB84VD2002 Datasheet
423Kb / 30P
   8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
   FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
SPANSION
MBM29PL64LM SPANSION-MBM29PL64LM Datasheet
797Kb / 69P
   Flash Memory 64 M (8M X 8/4M X 16) BIT
logo
Fujitsu Component Limit...
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
   8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
   8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com