Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3429 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3429
Description  LM3429Q1 N-Channel Controller for Constant Current LED Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3429 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3429 Datasheet HTML 2Page - Texas Instruments LM3429 Datasheet HTML 3Page - Texas Instruments LM3429 Datasheet HTML 4Page - Texas Instruments LM3429 Datasheet HTML 5Page - Texas Instruments LM3429 Datasheet HTML 6Page - Texas Instruments LM3429 Datasheet HTML 7Page - Texas Instruments LM3429 Datasheet HTML 8Page - Texas Instruments LM3429 Datasheet HTML 9Page - Texas Instruments LM3429 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LM3429
SNVS616F – APRIL 2009 – REVISED JANUARY 2010
www.ti.com
Electrical Characteristics
(1) (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are guaranteed through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = +25°C, and are provided for reference
purposes only. Unless otherwise stated the following condition applies: VIN = +14V.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
Transconductance
ICSH = 100 µA
250
500
kHz
Bandwidth
(4)
GATE DRIVER (GATE)
RSRC(GATE)
GATE Sourcing Resistance GATE = High
2.0
6.0
RSNK(GATE)
GATE Sinking Resistance
GATE = Low
1.3
4.5
UNDER-VOLTAGE LOCKOUT and DIM INPUT (nDIM)
VTH-nDIM
nDIM / UVLO Threshold
1.180
1.240
1.280
V
IHYS-nDIM
nDIM Hysteresis Current
10
20
30
µA
THERMAL SHUTDOWN
TSD
Thermal Shutdown
(4)
165
Threshold
°C
THYS
Thermal Shutdown
(4)
25
Hysteresis
THERMAL RESISTANCE
θJA
Junction to Ambient
14L TSSOP EP
40
°C/W
(5)
θJC
Junction to Exposed Pad
14L TSSOP EP
5.5
°C/W
(DAP)
(5)
Junction-to-ambient thermal resistance is highly board-layout dependent. The numbers listed in the table are given for a reference layout
wherein the 14L TSSOP EP package has its DAP pad populated with 9 vias. In applications where high maximum power dissipation
exists, namely driving a large MosFET at high switching frequency from a high input voltage, special care must be paid to thermal
dissipation issues during board design. In high-power dissipation applications, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the
maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the package in
the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). In most applications there is little need for
the full power dissipation capability of this advanced package. Under these circumstances, no vias would be required and the thermal
resistances would be 104 °C/W for the 14L TSSOP EP. It is possible to conservatively interpolate between the full via count thermal
resistance and the no via count thermal resistance with a straight line to get a thermal resistance for any number of vias in between
these two limits.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Links: LM3429


Similar Part No. - LM3429

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
LM3429 NSC-LM3429 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
LM3429-Q1 TI1-LM3429-Q1 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429MH NSC-LM3429MH Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
More results

Similar Description - LM3429

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
LM3421 TI1-LM3421_14 Datasheet
1Mb / 65P
[Old version datasheet]   N-Channel Controllers for Constant Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com