Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3444 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3444
Description  AC-DC Offline LED Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3444_14 Datasheet HTML 5Page - Texas Instruments LM3444_14 Datasheet HTML 6Page - Texas Instruments LM3444_14 Datasheet HTML 7Page - Texas Instruments LM3444_14 Datasheet HTML 8Page - Texas Instruments LM3444_14 Datasheet HTML 9Page - Texas Instruments LM3444_14 Datasheet HTML 10Page - Texas Instruments LM3444_14 Datasheet HTML 11Page - Texas Instruments LM3444_14 Datasheet HTML 12Page - Texas Instruments LM3444_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
= D =
tON
tON + tOFF
= tON x fSW
VO
VIN
L2
R3
C11
Q2
Q3
D10
ICOLL
4
6
7
8
R4
PGN
D
ISNS
GAT
E
COFF
LM3444
VBUCK
C12
VVF-CAP =
2
VAC-RMS
3
LM3444
www.ti.com
SNVS682B – NOVEMBER 2010 – REVISED NOVEMBER 2011
A three stage valley-fill circuit performs exactly the same as two-stage valley-fill circuit except now three
capacitors are now charged in series, and when the line voltage decreases to:
(2)
Diode D3 is reversed biased and three capacitors are in parallel to each other.
The valley-fill circuit can be optimized for power factor, voltage hold up and overall application size and cost. The
LM3444 will operate with a single stage or a three stage valley-fill circuit as well. Resistor R8 functions as a
current limiting resistor during start-up, and during the transition from series to parallel connection. Resistors R6
and R7 are 1 M
Ω bleeder resistors, and may or may not be necessary for each application.
BUCK CONVERTER
The LM3444 is a buck controller that uses a proprietary constant off-time method to maintain constant current
through a string of LEDs. While transistor Q2 is on, current ramps up through the inductor and LED string. A
resistor R3 senses this current and this voltage is compared to the reference voltage at FILTER. When this
sensed voltage is equal to the reference voltage, transistor Q2 is turned off and diode D10 conducts the current
through the inductor and LEDs. Capacitor C12 eliminates most of the ripple current seen in the inductor. Resistor
R4, capacitor C11, and transistor Q3 provide a linear current ramp that sets the constant off-time for a given
output voltage.
Figure 15. LM3444 Buck Regulation Circuit
OVERVIEW OF CONSTANT OFF-TIME CONTROL
A buck converter’s conversion ratio is defined as:
(3)
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3444


Similar Part No. - LM3444_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results

Similar Description - LM3444_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com