Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3444 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3444
Description  AC-DC Offline LED Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444 Datasheet(HTML) 5 Page - Texas Instruments

  LM3444_14 Datasheet HTML 1Page - Texas Instruments LM3444_14 Datasheet HTML 2Page - Texas Instruments LM3444_14 Datasheet HTML 3Page - Texas Instruments LM3444_14 Datasheet HTML 4Page - Texas Instruments LM3444_14 Datasheet HTML 5Page - Texas Instruments LM3444_14 Datasheet HTML 6Page - Texas Instruments LM3444_14 Datasheet HTML 7Page - Texas Instruments LM3444_14 Datasheet HTML 8Page - Texas Instruments LM3444_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LEADING EDGE BLANKING (ns)
15.0
10.0
5.0
0.0
80
100
120
140
160
180
Room (25°C)
Hot (125°C)
Cold (-40°C)
100 units tested
LM3444
www.ti.com
SNVS682B – NOVEMBER 2010 – REVISED NOVEMBER 2011
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Leading Edge Blanking Variation Over Temperature
Figure 9.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3444


Similar Part No. - LM3444_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results

Similar Description - LM3444_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com