Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3556 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3556_14 Datasheet HTML 6Page - Texas Instruments LM3556_14 Datasheet HTML 7Page - Texas Instruments LM3556_14 Datasheet HTML 8Page - Texas Instruments LM3556_14 Datasheet HTML 9Page - Texas Instruments LM3556_14 Datasheet HTML 10Page - Texas Instruments LM3556_14 Datasheet HTML 11Page - Texas Instruments LM3556_14 Datasheet HTML 12Page - Texas Instruments LM3556_14 Datasheet HTML 13Page - Texas Instruments LM3556_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
40 ms/DIV
100 mV/
DIV
VOUT
200 mA/
DIV
IIN
ILED
200 mA/
DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
LM3556
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Input Voltage Flash Monitor
Internal Indicator Operation
Report Mode with Default Settings
Figure 20.
Figure 21.
Input Voltage Flash Monitor
Input Voltage Flash Monitor
Stop and Hold Mode with Default Settings
Down Mode with Default Settings
Figure 22.
Figure 23.
Input Voltage Flash Monitor
Input Voltage Flash Monitor, Up and Down Mode
Up and Down Mode with Default Settings
(0mv Hysteresis, 1/2 Step Filter Time)
Figure 24.
Figure 25.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3556


Similar Part No. - LM3556_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
More results

Similar Description - LM3556_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 1.5A Current Source Camera Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com