Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB81F643242C-10 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB81F643242C-10
Description  4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB81F643242C-10 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB81F643242C-10 Datasheet HTML 2Page - Fujitsu Component Limited. MB81F643242C-10 Datasheet HTML 3Page - Fujitsu Component Limited. MB81F643242C-10 Datasheet HTML 4Page - Fujitsu Component Limited. MB81F643242C-10 Datasheet HTML 5Page - Fujitsu Component Limited. MB81F643242C-10 Datasheet HTML 6Page - Fujitsu Component Limited. MB81F643242C-10 Datasheet HTML 7Page - Fujitsu Component Limited. MB81F643242C-10 Datasheet HTML 8Page - Fujitsu Component Limited. MB81F643242C-10 Datasheet HTML 9Page - Fujitsu Component Limited. MB81F643242C-10 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
MB81F643242C-60/-70/-10 Advanced Info (AE0.1E)
s FUNCTIONAL TRUTH TABLE Note *1
COMMAND TRUTH TABLE
Note *2, *3, and *4
Notes: *1.
V = Valid, L = Logic Low, H = Logic High, X = either L or H.
*2.
All commands assumes no CSUS command on previous rising edge of clock.
*3.
All commands are assumed to be valid state transitions.
*4.
All inputs are latched on the rising edge of clock.
*5.
NOP and DESL commands have the same effect on the part. Unless specifically noted, NOP will
represent both NOP and DESL command in later descriptions.
*6.
READ, READA, WRIT and WRITA commands should only be issued after the corresponding bank has
been activated (ACTV command). Refer to “STATE DIAGRAM” in section “s FUNCTIONAL
DESCRIPTION“.
*7.
ACTV command should only be issued after corresponding bank has been precharged (PRE or PALL
command).
*8.
Required after power up.
*9.
MRS command should only be issued after all banks have been precharged (PRE or PALL command).
Refer to “STATE DIAGRAM” in section “s FUNCTIONAL DESCRIPTION“.
Function
Notes
Symbol
CKE
CS
RAS
CAS
WE
BA1,
BA0
A10
(AP)
A9
to
A8
A7
to
A0
n-1
n
Device Deselect
*5
DESL
H
X
H
X
X
X
X
X
X
X
No Operation
*5
NOP
H
X
L
H
H
H
X
X
X
X
Burst Stop
BST
H
X
L
H
H
L
X
X
X
X
Read
*6
READ
H
X
L
H
L
H
V
L
X
V
Read with Auto-precharge
*6 READA
H
X
L
H
L
H
V
H
X
V
Write
*6
WRIT
H
X
L
H
L
L
V
L
X
V
Write with Auto-precharge
*6 WRITA
H
X
L
H
L
L
V
H
X
V
Bank Active
*7
ACTV
H
X
L
L
H
H
V
V
V
V
Precharge Single Bank
PRE
H
X
L
L
H
L
V
L
X
X
Precharge All Banks
PALL
H
X
L
L
H
L
X
H
X
X
Mode Register Set
*8, *9
MRS
H
X
L
L
L
L
L
L
V
V


Similar Part No. - MB81F643242C-10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
   MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - MB81F643242C-10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
   MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32160A ISSI-IS42S32160A Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
logo
OKI electronic componet...
MD56V62320 OKI-MD56V62320 Datasheet
414Kb / 30P
   4-Bank x 524,288-Word x 32-Bit SYNCHRONOUS DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB514256B SIEMENS-HYB514256B Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
logo
MOSAIC
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com