Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4400H3 Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP4400H3
Description  TISP4xxxH3LM Overvoltage Protector Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4400H3 Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP4400H3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP4400H3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP4400H3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP4400H3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP4400H3 Datasheet HTML 9Page - Bourns Electronic Solutions TISP4400H3 Datasheet HTML 10Page - Bourns Electronic Solutions TISP4400H3 Datasheet HTML 11Page - Bourns Electronic Solutions TISP4400H3 Datasheet HTML 12Page - Bourns Electronic Solutions TISP4400H3 Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Figure 10.
Figure 11.
T
AMIN - Minimum Ambient Temperature - °C
-35
-25
-15
-5
5
15
25
-40
-30
-20
-10
0
10
20
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
TI4HAIA
'4240 THRU '4440
'4125 THRU '4220
'4070 THRU '4115
T
A - Ambient Temperature - °C
-40 -30 -20 -10 0
10 203040 506070 80
90
100
120
150
200
250
300
400
500
600
700
IEC 1.2/50, 8/20
ITU-T 10/700
FCC 10/560
BELLCORE 2/10
BELLCORE 10/1000
FCC 10/160
TC4HAA
VDRM DERATING FACTOR
vs
MINIMUM AMBIENT TEMPERATURE
IMPULSE RATING
vs
AMBIENT TEMPERATURE
TISP4xxxH3LM Overvoltage Protector Series
Rating and Thermal Information
NOVEMBER 1997 - REVISED JANUARY 2010
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Figure 8.
Figure 9.
t - Current Duration - s
0·1
1
10
100
1000
1.5
2
3
4
5
6
7
8
9
15
20
30
10
V
GEN = 600 Vrms, 50/60 Hz
R
GEN = 1.4*VGEN/ITSM(t)
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB
T
A = 25 °C
t - Power Duration - s
0·1
1
10
100
1000
2
3
4
5
6
8
15
20
30
40
50
60
80
150
10
100
TI4HAG
I
TSM(t) APPLIED FOR TIME t
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB
T
A = 25 °C
NON-REPETITIVE PEAK ON-STATE CURRENT
vs
CURRENT DURATION
THERMAL IMPEDANCE
vs
POWER DURATION
OBSOLET
E


Similar Part No. - TISP4400H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4400H3 BOURNS-TISP4400H3 Datasheet
361Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4400H3 BOURNS-TISP4400H3 Datasheet
444Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4400H3 BOURNS-TISP4400H3 Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4400H3 BOURNS-TISP4400H3 Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4400H3 BOURNS-TISP4400H3 Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results

Similar Description - TISP4400H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com