Electronic Components Datasheet Search |
|
TLP280GB-TPF Datasheet(PDF) 4 Page - Toshiba Semiconductor |
|
TLP280GB-TPF Datasheet(HTML) 4 Page - Toshiba Semiconductor |
4 / 9 page TLP280,TLP280 −4 2007-10-01 4 Individual Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min Typ Max Unit Forward voltage VF IF = ±10 mA 1.0 1.15 1.3 V Capacitance CT V = 0, f = 1 MHz ― 60 — pF Collector −emitter breakdown voltage V(BR) CEO IC = 0.5 mA 80 ― — V Emitter −collector breakdown voltage V(BR) ECO IE = 0.1 mA 7 ― — V VCE = 48 V, Ambient light below (100 1x) ― 0.01 (2) 0.1 (10) μA Collector dark current (Note 1) ICEO VCE = 48 V, Ta = 85°C Ambient light below (100 1x) ― 2 (4) 50 (50) μA Capacitance (collector to emitter) CCE V = 0, f = 1 MHz ― 10 ― pF (Note 1): Because of the construction, leak current might be increased by ambient light. Please use photocoupler with less ambient light. Coupled Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition MIn Typ. Max Unit 50 — 600 Current transfer ratio IC / IF IF = ±5 mA, VCE = 5 V Rank GB 100 — 600 % — 60 — Saturated CTR IC / IF (sat) IF = ±1 mA, VCE = 0.4 V Rank GB 30 — — % IC = 2.4 mA, IF = ±8 mA — — 0.4 — 0.2 — Collector −emitter saturation voltage VCE (sat) IC = 0.2 mA, IF = ±1 mA Rank GB — — 0.4 V Off −state collector current IC(off) VF = ± 0.7 V, VCE = 48 V — — 10 μA CTR symmetry IC (ratio) IC (IF = −5 mA) / IC (IF = 5 mA) (Note 2) 0.33 — 3 — (Note 2): 5V) CE V , F1 I F (I C1 I 5V) CE V , F2 I F (I C2 I C(ratio) I = = = = = VCE IC1 IC2 IF1 IF2 |
Similar Part No. - TLP280GB-TPF |
|
Similar Description - TLP280GB-TPF |