Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP42C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # TIP42C
Description  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP42C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TIP42C Datasheet HTML 1Page - Fairchild Semiconductor TIP42C Datasheet HTML 2Page - Fairchild Semiconductor TIP42C Datasheet HTML 3Page - Fairchild Semiconductor TIP42C Datasheet HTML 4Page - Fairchild Semiconductor TIP42C Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP42/TIP42A/TIP42B/TIP42C Rev. B0
2
Electrical Characteristics T
A=25°C unless otherwise noted
* Pulse Test: PW
≤300μs, Duty Cycle≤2%
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: TIP42
: TIP42A
: TIP42B
: TIP42C
IC = -30mA, IB = 0
-40
-60
-80
-100
V
V
V
V
ICEO
Collector Cut-off Current
: TIP42/42A
: TIP42B/42C
VCE = -30V, IB = 0
VCE = -60V, IB = 0
-0.7
-0.7
mA
mA
ICES
Collector Cut-off Current
: TIP42
: TIP42A
: TIP42B
: TIP42C
VCE = -40V, VEB = 0
VCE = -60V, VEB = 0
VCE = -80V, VEB = 0
VCE = -100V, VEB = 0
-400
-400
-400
-400
μA
μA
μA
μA
IEBO
Emitter Cut-off Current
VEB = -5V, IC = 0
-1
mA
hFE
* DC Current Gain
VCE = -4V, IC = -0.3A
VCE = -4V, IC = -3A
30
15
75
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = -6A, IB = -600mA
-1.5
V
VBE(sat)
* Base-Emitter Saturation Voltage
VCE = -4V, IC = -6A
-2.0
V
fT
Current Gain Bandwidth Product
VCE = -10V, IC = -500mA,
f = 1MHz
3.0
MHz


Similar Part No. - TIP42C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42C MOSPEC-TIP42C Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Micro Commercial Compon...
TIP42C MCC-TIP42C Datasheet
169Kb / 2P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP42C ISC-TIP42C Datasheet
137Kb / 3P
   isc Silicon PNP Power Transistors
logo
Comset Semiconductor
TIP42C COMSET-TIP42C Datasheet
106Kb / 4P
   SILICON POWER TRANSISTORS
logo
Motorola, Inc
TIP42C MOTOROLA-TIP42C Datasheet
222Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Similar Description - TIP42C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com