Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM4560MD Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM4560MD
Description  DUAL OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM4560MD Datasheet(HTML) 2 Page - New Japan Radio

  NJM4560MD Datasheet HTML 1Page - New Japan Radio NJM4560MD Datasheet HTML 2Page - New Japan Radio NJM4560MD Datasheet HTML 3Page - New Japan Radio NJM4560MD Datasheet HTML 4Page - New Japan Radio NJM4560MD Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJM4560
- 2 -
Ver.2011-12-12
■ ABSOLUTE MAXIMUM RATINGS
( Ta=25˚C )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+/V-
± 18
V
Differential Input Voltage
VID
± 30
V
Input Voltage
VIC
± 15 ( note )
V
( DIP8 ) 500
( DMP8 ) 300
( SOP8 ) 300
Power Dissipation
PD
( SIP8 ) 800
mW
Operating Temperature Range
Topr
-40~+85
˚C
Storage Temperature Range
Tstg
-40~+125
˚C
( note ) For supply voltage less than ±15V,the absolute maximum input voltage is equal to the supply voltage.
■ ELECTRICAL CHARACTERISTICS
( Ta=25˚C,V+/V-=±15V )
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
RS10kΩ
-
0.5
6
mV
Input Offset Current
IIO
-
5
200
nA
Input Bias Current
IB
-
40
500
nA
Input Resistance
RIN
0.3
5
-
MΩ
Large Signal Voltage Gain
AV
RL≥2kΩ,VO=±10V
86
100
-
dB
Maximum Output Voltage Swing 1
VOM1
RL≥2kΩ
± 12
± 14
-
V
Maximum Output Voltage Swing 2
VOM2
IO=25mA
± 10
± 11.5
-
V
Input Common Mode Voltage Range
VICM
± 12
± 14
-
V
Common Mode Rejection Ratio
CMR
RS10kΩ
70
90
-
dB
Supply Voltage Rejection Ratio
SVR
RS10kΩ
76.5
90
-
dB
Operating Current
ICC
-
4.3
5.7
mA
Slew Rate
SR
-
4
-
V/μs
Gain Bandwidth Product
GB
-
10
-
MHz
Equivalent Input Noise Voltage
VNI
RIAA,RS=2kΩ,30kHz LPF
-
1.2
-
μVrms


Similar Part No. - NJM4560MD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4560M NJRC-NJM4560M Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
More results

Similar Description - NJM4560MD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com