Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92311 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS92311
Description  Off-Line Primary Side Sensing Converter with PFC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92311 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92311_14 Datasheet HTML 5Page - Texas Instruments TPS92311_14 Datasheet HTML 6Page - Texas Instruments TPS92311_14 Datasheet HTML 7Page - Texas Instruments TPS92311_14 Datasheet HTML 8Page - Texas Instruments TPS92311_14 Datasheet HTML 9Page - Texas Instruments TPS92311_14 Datasheet HTML 10Page - Texas Instruments TPS92311_14 Datasheet HTML 11Page - Texas Instruments TPS92311_14 Datasheet HTML 12Page - Texas Instruments TPS92311_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
VCOMP
VSW
tON
ILED
tOFF
tDLY
VZCD
ILP
ILS
2xtDLY
VZCD-OVP
VZCD-ARM
VZCD-TRIG
VZCD-PEAK
t
t
t
t
TPS92311
www.ti.com
SNVS811B – MAY 2012 – REVISED MAY 2013
The setting of the delay time, tDLY will be described in a separate paragraph. During steady state operation, the
duration of the on-period tON can be determined with two different modes: the Constant On-Time (COT) mode
and the Peak Current Mode (PCM), which are configured by setting the MODE1 and MODE2 pins. For the COT
mode, tON is generated by comparing an internal generated saw-tooth waveform with the voltage on the COMP
pin (VCOMP). Since VCOMP is slow varying, tON is nearly constant within an AC line cycle. For the PCM, the on-
period is terminated when the voltage of the ISNS pin (VISNS) reaches a threshold determined by VCOMP. Since
the instantaneous input voltage (AC voltage) varies, tON varies accordingly within an AC line cycle. The duration
of the off-period (tOFF) is determined by the rate of discharging of the secondary current through the transformer.
Also,
(1)
where n is the turn ratio of LP and LS. Figure 15 shows the typical waveforms in normal operation.
Figure 15. Primary and Secondary Side Current Waveforms
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS92311


Similar Part No. - TPS92311_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
More results

Similar Description - TPS92311_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92314DR TI-TPS92314DR Datasheet
922Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
[Old version datasheet]   Off-Line Primary-Side Sensing Controller
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
   Off-line LED driver with primary-sensing
ALTAIR04-900 STMICROELECTRONICS-ALTAIR04-900 Datasheet
640Kb / 29P
   Off-line all-primary-sensing switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com