Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5930BT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1SMB5930BT3G
Description  3 Watt Plastic Surface Mount Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB5930BT3G Datasheet(HTML) 1 Page - ON Semiconductor

  1SMB5930BT3G Datasheet HTML 1Page - ON Semiconductor 1SMB5930BT3G Datasheet HTML 2Page - ON Semiconductor 1SMB5930BT3G Datasheet HTML 3Page - ON Semiconductor 1SMB5930BT3G Datasheet HTML 4Page - ON Semiconductor 1SMB5930BT3G Datasheet HTML 5Page - ON Semiconductor 1SMB5930BT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 8
1
Publication Order Number:
1SMB5913BT3/D
1SMB59xxBT3G Series,
SZ1SMB59xxT3G Series
3 Watt Plastic
Surface Mount
Zener Voltage Regulators
This complete new line of 3 W Zener diodes offers the following
advantages.
Features
Zener Voltage Range − 3.3 V to 200 V
ESD Rating of Class 3 (> 16 kV) per Human Body Model
Flat Handling Surface for Accurate Placement
Package Design for Top Side or Bottom Circuit Board Mounting
AEC−Q101 Qualified and PPAP Capable − SZ1SMB59xxT3G
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
Pb−Free Packages are Available*
Mechanical Characteristics:
CASE:
Void-free, transfer-molded plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
260C for 10 Seconds
LEADS:
Modified L−Bend providing more contact area to bond pads
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MAXIMUM RATINGS
Rating
Symbol Value
Unit
Maximum Steady State Power
Dissipation @ TL = 75C
Measured at Zero Lead Length
Derate Above 75C
Thermal Resistance from Junction−to−Lead
PD
RqJL
3.0
40
25
W
mW/C
C/W
Maximum Steady State Power
Dissipation @ TA = 25C (Note )
Derate Above 25C
Thermal Resistance from
Junction−to−Ambient
PD
RqJA
550
4.4
226
mW
mW/C
C/W
Operating and Storage Temperature Range
TJ, Tstg −65 to
+150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 board, using recommended footprint.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PLASTIC SURFACE MOUNT
ZENER VOLTAGE
REGULATOR DIODES
3.3−200 V, 3 W DC POWER
SMB
CASE 403A
PLASTIC
Cathode
Anode
MARKING DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
1SMB59xxBT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A
= Assembly Location
Y
= Year
WW = Work Week
9xxB = Device Code (Refer to page 3)
G
= Pb−Free Package
AYWW
9xxB G
G
(Note: Microdot may be in either location)
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
SZ1SMB59xxBT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel


Similar Part No. - 1SMB5930BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5930BT3G ONSEMI-1SMB5930BT3G Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5930BT3G ONSEMI-1SMB5930BT3G Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5930BT3G ONSEMI-1SMB5930BT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5930BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
logo
Cystech Electonics Corp...
ZMM55CXXSM CYSTEKEC-ZMM55CXXSM Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com