Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2891 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2891
Description  CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2891 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2891 Datasheet HTML 2Page - Texas Instruments UCC2891 Datasheet HTML 3Page - Texas Instruments UCC2891 Datasheet HTML 4Page - Texas Instruments UCC2891 Datasheet HTML 5Page - Texas Instruments UCC2891 Datasheet HTML 6Page - Texas Instruments UCC2891 Datasheet HTML 7Page - Texas Instruments UCC2891 Datasheet HTML 8Page - Texas Instruments UCC2891 Datasheet HTML 9Page - Texas Instruments UCC2891 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542F − OCTOBER 2003 − REVISED JULY 2009
6
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
16
15
14
13
VIN (UCC2891/3)
LINEOV (UCC2892/4)
LINEUV
VDD
OUT
RDEL
RTON
RTOFF
VREF
5
6
7
8
SYNC
GND
CS
RSLOPE
12
11
10
9
AUX
PGND
SS/SD
FB
IRDEL
SYNC
CLOCK
REF
GEN
VDD
5 * ISLOPE
VREF
ISLOPE
CT
+
+
3 * R
SQ
Q
R
PWM
OFF
TURN−ON
DELAY
TURN−ON
DELAY
IRDEL
VREF
VREF
2 * R
+
+
PWM Offset
0.5 V
OUT
1−DMAX
CT
0.05 * IRDEL
VREF
+
UCC2892/4
UCC2891/3
1.27 V
0.75 V
UV
1.27 V
0.05 * IRDEL
VREF
+
OV
1.27 V
+
VDD
13 V/ 8 V
OUT
VDD
VDD
93/94
N−Ch.
UVLO
AND
SS
VDD
VREF
UV
OV
VREF
ENABLE
92/94
91/93
91/92
P−Ch.
VDD
OK
OV OFF
UV OFF
1−DMAX
TYP: VREF = 5.0 V
75k
1/2 x VREF
1/2 x VREF
1/2 x VREF
IRTON
IRDEL
ISS = 0.43 x IRTON


Similar Part No. - UCC2891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
UCC28910 TI-UCC28910 Datasheet
1Mb / 26P
[Old version datasheet]   Low Stand-By Power, CV / CC PWM HV Switcher with Primary-Side
UCC28910 TI-UCC28910 Datasheet
1Mb / 53P
[Old version datasheet]   High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
UCC28910D TI-UCC28910D Datasheet
1Mb / 26P
[Old version datasheet]   Low Stand-By Power, CV / CC PWM HV Switcher with Primary-Side
UCC28910D TI-UCC28910D Datasheet
1Mb / 53P
[Old version datasheet]   High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
More results

Similar Description - UCC2891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com