Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB4214 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB4214
Description  TIMER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB4214 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB4214 Datasheet HTML 4Page - Fujitsu Component Limited. MB4214 Datasheet HTML 5Page - Fujitsu Component Limited. MB4214 Datasheet HTML 6Page - Fujitsu Component Limited. MB4214 Datasheet HTML 7Page - Fujitsu Component Limited. MB4214 Datasheet HTML 8Page - Fujitsu Component Limited. MB4214 Datasheet HTML 9Page - Fujitsu Component Limited. MB4214 Datasheet HTML 10Page - Fujitsu Component Limited. MB4214 Datasheet HTML 11Page - Fujitsu Component Limited. MB4214 Datasheet HTML 12Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
MB4214
s
TYPICAL CHARACTERISTICS CURVES
TIMER SECTION
Fig. 3 - Power Supply Current vs.
Power Supply Voltage
Fig. 4 - Zener Current vs.
Zener Voltage
0
20
5.0
7.0
Fig. 5 - Reference Voltage vs.
Ambient Temperature
10m
100m
Fig. 6 - Oscillator Period vs.
VS Voltage
VS Voltage (V)
12.0
Power Supply Voltage VCC (V)
3.52
3.48
3.54
3.50
3.46
Fig. 7 - Oscillator Period vs.
RT Resistor
Zener Voltage VZ (V)
Ambient Temperature TA (
°C)
RT Resistor (k
)
0
5
101520
50
-50
100
0
3.44
1.0
10
100
8.0
4.0
0
Fig. 8 - Delay Time vs.
RT Resistor
RT Resistor (k
)
1.0
100m
10m
1m
100
µ
10
µ
TA=-30
°C
IR=0mA
IR=3mA
103
CT=0.1
µF
CT=0.01
µF
102
10
1
10-1
10-2
10-3
10-4
10
102
103
10
102
103
106
105
104
103
102
10
1
10-1
VCC=12V
RS=100k
VS=10V
CT=100
µF
CT=10
µF
CT=1
µF
CT=0.1
µF
CT=0.01
µF
1sec
1min
10min
60min
10hrs
1day
4day
CT=10
µF
CT=1
µF
CT=0.1
µF
CT=0.01
µF
75
°C 50°C
20
°C 0°C
VCC=12V
RS=100k
RT=100k
(IRT=20
µA)
CT=1
µF
VCC=12V
RS=100k
VS=10V
CT=100
µF
CT=0.001
µF


Similar Part No. - MB4214

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB4204 FUJITSU-MB4204 Datasheet
134Kb / 8P
   QUAD COMPARATOR
MB4206 FUJITSU-MB4206 Datasheet
73Kb / 7P
   FREQUENCY-TO-VOLTAGE CONVERTER
logo
Pan Jit International I...
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L_R1_00001 PANJIT-MB420L_R1_00001 Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L_R2_00001 PANJIT-MB420L_R2_00001 Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MB4214

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
   Timer
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com