Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR208 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SR208
Description  2 Amp Schottky Barrier Rectifier 80 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR208 Datasheet(HTML) 2 Page - Micro Commercial Components

  SR208 Datasheet HTML 1Page - Micro Commercial Components SR208 Datasheet HTML 2Page - Micro Commercial Components SR208 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2.0
1.5
1.0
0.5
0
50
60
70
80
90 100 110 120 130 150
RESISTIVE OR
INDUCTIVE LOAD
board mounted on
5.0mm2 COPPER
LAND AREAS
LEAD TEMPERATURE ,C
50
10
1
0.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
TJ = 25C
PULSE WIDTH =300us
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1000
100
10
0.1
0.4
1
4
10
20 60 100
TJ = 25C
f = 1.0MHz
Vsig = 50mVp-p
REVERSE VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
.01
.001
20
40
60
80
100
120
140
TJ =100C
TJ =75C
T
J =25C
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
50
40
30
20
10
1
2
4
6 8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
MCC
SR208 thru SR2010
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Revision: A
2013/01/01


Similar Part No. - SR208

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR208 MOSPEC-SR208 Datasheet
217Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
logo
Micro Commercial Compon...
SR208 MCC-SR208 Datasheet
360Kb / 2P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
DAESAN ELECTRONIC CORP.
SR208 DAESAN-SR208 Datasheet
349Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
MIC GROUP RECTIFIERS
SR208 MIC-SR208 Datasheet
50Kb / 2P
   SCHOTTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR208 CHENYI-SR208 Datasheet
216Kb / 2P
   2Amp schottky barrier rectifier 80to100 volts
More results

Similar Description - SR208

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SB280 MCC-SB280 Datasheet
205Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SB280 MCC-SB280_13 Datasheet
219Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR208 MCC-SR208_08 Datasheet
139Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR208 MCC-SR208_13 Datasheet
249Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR208 MCC-SR208 Datasheet
360Kb / 2P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
FST8060 MCC-FST8060 Datasheet
85Kb / 3P
   80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8360SL MCC-FST8360SL Datasheet
664Kb / 3P
   80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8460SL MCC-FST8460SL Datasheet
667Kb / 3P
   80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8120SM MCC-FST8120SM Datasheet
674Kb / 3P
   80 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Solid States Devices, I...
SPD0802 SSDI-SPD0802 Datasheet
30Kb / 2P
   2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com