Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA0072 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0072
Description  HIGH VOLTAGE ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0072 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0072 Datasheet HTML 1Page - Solid States Devices, Inc RA0072 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Numbe r/Ordering Information 1/
SDA345
__
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
SDA345
ULTRA FAST RECOVERY
HIGH VOLTAGE ASSEMBLY
Up To 18KV @ 250mA
125KHz Operating Frequency
FEATURES:
Designed For Use With High Voltage Switching Power Supplies
Discretes and Assemblies Screened to TX, TXV, or S Level
High Reverse Transient Energy Capabilities
Void Free, Hermetically Sealed, Metallurgically Bonded Discretes
Single Junction Discretes Provide Superior Thermal Properties
Than Designs Using Multi-junction Discretes
Isolated Aluminum Heat Sink with Special Epoxy Encapsulation
Provides Superior Power Dissipation
All Internal Devices are Matched & Selected
Unique Construction Techniques Guarantee 100% Corona Free
Operation
Consult Factory for Higher Voltages and Currents and Alternate
Bridge Configurations
NOTES:
1/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
6/ IO (MAX), 60Hz, Square Wave, TC = 55
OC.
2/ Resistive Load, 50Hz, Sine Wave, TC=25
OC.
7/ IF = 1 Adc, TC = 25
OC, 300 μs Pulse.
3/ TC=55
OC, 8.3ms Pulse, Allow Junction to Reach Equilibrium Between Pulses.
8/ Rated VR, 60Hz, Square Wave, TC = 100
OC.
4/ TC=55
OC, 8.3ms Pulse, Superimposed on Rated Current at Rated Voltage.
9/ Rated VR, TC = 25
OC.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp,
10/ VR = 100V, TC = 25
OC.
tested on each individual diode before assembly.
MAXIMUM RATINGS
PER LEG
ELECTRICAL CHARACTERISTICS
PER LEG
Rating
1/
Symbol
Value
Unit
Characteristic
1/
Symbol Value
Unit
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
VRM(rep)
Vr
3,000
Volts
Max. Full Cycle Forward Voltage
Drop, Averaged Over Full Cycle 6/
VF
(AV)
2.85
Vdc
RMS Reverse Voltage
Vr
2,100
Volts
Max. Instantaneous Forward
Voltage Drop 7/
VF
5.7
Vdc
Half Wave Rectified Forward Current
Averaged Over Full Cycle 2/
IO
1
Amps
Peak Repetitive Forward Current 3/
IFM(rep)
6
Amps
Max. Full Cycle Leakage Current
Averaged Over Full Cycle 8/
IR
(AV)
100
μAdc
Peak Surge Current 4/
IFM(surge)
25
Amps
Max. Reverse Leakage Current 9/
IR
5
μAdc
Operating & Storage Temperature
TJ, Tstg
-55 to
+125
OC
Max. Junction Capacitance 10/
CJ
4
pf
Reverse Recovery Time 5/
trr
60
ns
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0072A
DOC


Similar Part No. - RA0072

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0072 SSDI-RA0072_15 Datasheet
104Kb / 2P
   HIGH VOLTAGE ASSEMBLY
More results

Similar Description - RA0072

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0073 SSDI-RA0073_15 Datasheet
104Kb / 2P
   HIGH VOLTAGE ASSEMBLY
RA0072 SSDI-RA0072_15 Datasheet
104Kb / 2P
   HIGH VOLTAGE ASSEMBLY
RA0073 SSDI-RA0073 Datasheet
104Kb / 2P
   HIGH VOLTAGE ASSEMBLY
logo
Microsemi Corporation
LHV43 MICROSEMI-LHV43 Datasheet
95Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
JHV21 MICROSEMI-JHV21 Datasheet
107Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
Edal Industries, Inc.
8E7H EDAL-8E7H Datasheet
343Kb / 1P
   Silicon High Voltage Assembly
8G6H1 EDAL-8G6H1 Datasheet
361Kb / 1P
   Silicon High Voltage Assembly
logo
Microsemi Corporation
PHV6 MICROSEMI-PHV6 Datasheet
97Kb / 2P
   High Voltage Rectifier Assembly
LHV37 MICROSEMI-LHV37_07 Datasheet
106Kb / 2P
   High Voltage Rectifier Assembly
logo
Edal Industries, Inc.
8F5H1 EDAL-8F5H1 Datasheet
308Kb / 1P
   Silicon High Voltage Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com