Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB40C568PFV Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB40C568PFV
Description  A/D Converter (1-channel, 8-bit, 20MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C568PFV Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB40C568PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB40C568PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB40C568PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB40C568PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB40C568PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB40C568PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB40C568PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB40C568PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB40C568PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS04-28207-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP for Image Processing
CMOS
A/D Converter
(1-channel, 8-bit, 20MHz)
MB40C568
s DESCRIPTION
The MB40C568 is a high-speed A/D converter using high-speed CMOS process technology.
s FEATURES
• Resolution: 8 bits
• Linearity error:
±0.20% (Typ.)
• Maximum conversion rate: 20 MSPS (Min.)
• Power supply voltage: Analog section +5.0 V
Digital section +3.0 V or +5.0 V
• Digital input voltage range: TTL level
• Digital output voltage range: CMOS level compatible
• Analog input voltage range: 0.5 to 4 V (with 2 Vp-p)
• Analog input capacity: 15 pF (Typ.)
• Power consumption: 50 mW (Typical:@fCLK = 20 MHz, AVDD = 5 V, DVDD = 3 V)
60 mW (Typical:@fCLK = 20 MHz, AVDD = DVDD = 5 V)
• Additional function: Reference voltage generator circuit: VREFT = 3 V, VREFB = 1 V
• Package options: SOP24, SSOP24
s PACKAGES
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields. However, it is advised that normal precautions
be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit.
(FPT-24P-M03)
(FPT-24P-M01)
24-pin, Plastic SOP
24-pin, Plastic SSOP


Similar Part No. - MB40C568PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568HPF FUJITSU-MB40C568HPF Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568HPFV FUJITSU-MB40C568HPFV Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
More results

Similar Description - MB40C568PFV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
   1 Channel 8-bit D/A Converter
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
   1 Channel 8-bit A/D Converter
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
   1 CHANNEL 8-BIT D/A CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
   A/D Converter (1-channel, 8-bit, 18MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com