Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB40C568PF Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB40C568PF
Description  A/D Converter (1-channel, 8-bit, 20MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C568PF Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB40C568PF Datasheet HTML 1Page - Fujitsu Component Limited. MB40C568PF Datasheet HTML 2Page - Fujitsu Component Limited. MB40C568PF Datasheet HTML 3Page - Fujitsu Component Limited. MB40C568PF Datasheet HTML 4Page - Fujitsu Component Limited. MB40C568PF Datasheet HTML 5Page - Fujitsu Component Limited. MB40C568PF Datasheet HTML 6Page - Fujitsu Component Limited. MB40C568PF Datasheet HTML 7Page - Fujitsu Component Limited. MB40C568PF Datasheet HTML 8Page - Fujitsu Component Limited. MB40C568PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MB40C568
s ABSOLUTE MAXIMUM RATINGS (See WARNING)
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All
the device’s electrical characteristics are warranted when operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representative beforehand.
(Continued)
Parameter
Symbol
Rating
Unit
Min.
Max.
Power supply voltage
AVDD, DVDD
–0.3
7.0
V
Input voltage
CLK, VINA
VRT, VRB
–0.3
AVDD+0.3
V
Output voltage
D1 to D8
–0.3
DVDD+0.3
V
Storage temperature
Tstg
–55
+125
°C
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Analog input voltage
VINA
VRB
–VRT
V
Analog reference voltage: T
VRT
4.00
V
Analog reference voltage: B
VRB
0.50
V
Analog reference voltage range
VRT–VRB
1.90
2.00
2.10
V
Digital "H” level input voltage
VIHD
2.4
V
Digital “L” level input voltage
VILD
––
0.8
V
Digital input current
IID
––5
µA
Clock frequency
fCLK
0.1
20
MHz
Minimum “H” level clock pulse width
tw+
22.5
ns
Minimum “L” level clock pulse width
tw
22.5
ns
Operating temperature range
Ta
–20
70
°C


Similar Part No. - MB40C568PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568HPF FUJITSU-MB40C568HPF Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568HPFV FUJITSU-MB40C568HPFV Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
More results

Similar Description - MB40C568PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
   1 Channel 8-bit D/A Converter
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
   1 Channel 8-bit A/D Converter
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
   1 CHANNEL 8-BIT D/A CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
   A/D Converter (1-channel, 8-bit, 18MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com