Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB40C368 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB40C368
Description  A/D Converter (1-channel, 8-bit, 18MHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C368 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB40C368 Datasheet HTML 2Page - Fujitsu Component Limited. MB40C368 Datasheet HTML 3Page - Fujitsu Component Limited. MB40C368 Datasheet HTML 4Page - Fujitsu Component Limited. MB40C368 Datasheet HTML 5Page - Fujitsu Component Limited. MB40C368 Datasheet HTML 6Page - Fujitsu Component Limited. MB40C368 Datasheet HTML 7Page - Fujitsu Component Limited. MB40C368 Datasheet HTML 8Page - Fujitsu Component Limited. MB40C368 Datasheet HTML 9Page - Fujitsu Component Limited. MB40C368 Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
MB40C368
(Continued)
+0.10
–0.05
+.004
–.002
+0.20
–0.10
+.008
–.004
+0.05
–0.02
+.002
–.001
*
*
INDEX
0.10(.004)
0.22
.009
1.25
.049
0.15
.006
"A"
(.299±.008)
(.220±.004)
7.60±0.20
NOM
5.60±0.10
6.60(.260)
7.15(.281)REF
0.65±0.12(.0256±.0047)
7.75±0.10(.305±.004)
Details of "A" part
0
10°
(STAND OFF)
0.10±0.10(.004±.004)
(.020±.008)
0.50±0.20
1994 FUJITSU LIMITED F24018S-2C-2
C
0 to 10
°
(MOUNTING HEIGHT)
Dimensions in mm (inches).
24-pin, Plastic SSOP
(FPT-24P-M03)
*: These dimensions do not include resin protrusion.


Similar Part No. - MB40C368

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C360 FUJITSU-MB40C360 Datasheet
83Kb / 8P
   20 MHz 10-bit A/D Converter
MB40C360PFV FUJITSU-MB40C360PFV Datasheet
83Kb / 8P
   20 MHz 10-bit A/D Converter
More results

Similar Description - MB40C368

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
   1 Channel 8-bit D/A Converter
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
   1 Channel 8-bit A/D Converter
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
   1 CHANNEL 8-BIT D/A CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
MB40C558 FUJITSU-MB40C558 Datasheet
148Kb / 12P
   A/D Converter (1-channel, 8-bit, 45MHz)
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com